Electronic Components Datasheet Search
  English  ▼

X  

2SA2013 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SA2013
Description  DC / DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2013 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SA2013 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2013 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2013 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2013 Datasheet HTML 4Page - Sanyo Semicon Device 2SA2013 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA2013 / 2SC5566
No.6307-2/5
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(24)15
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)1
IC=(--)1A, IB=(--)50mA
(--105)85 (--180)130
mV
VCE(sat)2
IC=(--)2A, IB=(--)100mA
(--200)150 (--340)225
mV
Base-to-Emitterr Saturation Voltage
VBE(sat)
IC=(--)2A, IB=(--)100mA
(--)0.89
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10µA, IE=0A
(--50)100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=(--)100µA, RBE=0Ω
(--50)100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10µA, IC=0A
(--)6
V
Turn-On Time
ton
See specified Test Circuit.
(30)35
ns
Storage Time
tstg
See specified Test Circuit.
(230)300
ns
Fall Time
tf
See specified Test Circuit.
(15)20
ns
Package Dimensions
Switching Time Test Circuit
unit : mm
7007-004
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
Top View
Bottom View
1 : Base
2 : Collector
3 : Emitter
SANYO : PCP
VR10
RB
VCC=25V
VBE= --5V
+
+
50
Ω
INPUT
OUTPUT
RL
25
Ω
100
µF
470
µF
PW=20
µs
IB1
D.C.
≤1%
IB2
IC=10IB1= --10IB2=1A
For PNP, the polarity is reversed.
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
4
3
2
1
0.4
0.8
1.2
1.6
2.0
0
0
IB=0mA
10mA
20mA
30mA
40mA
50mA
60mA
IT00153
--4
--3
--2
--1
0
0
--0.4
--0.8
--1.2
--1.6
--2.0
--10mA
--20mA
--60mA
--50mA
--80mA
--90mA
--100mA
IB=0mA
IT00152
--30mA
--40mA
--70mA
2SA2013
2SC5566



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com