Electronic Components Datasheet Search
  English  ▼

X  

2SC5706 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5706
Description  High Current Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5706 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5706 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5706 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5706 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5706 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5706 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA2039 / 2SC5706
No.6912-3/5
--10000
--1000
2
3
5
7
2
3
5
7
--100
2
3
5
7
--10
--0.01
--0.1
23
5 7
2
3
5
7
23
5
7
--1.0
--10
VCE(sat) -- IC
Collector Current, IC -- A
Ta=75
°C
--25
°C
IT02976
2SA2039
IC / IB=20
0.01
23
5 7 0.1
23
5 7 1.0
23
5 7 10
10
7
5
3
2
100
7
5
3
2
1000
VCE(sat) -- IC
Collector Current, IC -- A
IT02978
Ta=75
°C
--25
°C
2SC5706
IC / IB=20
Ta=75
°C
25
°C
--25
°C
1000
100
7
5
3
2
7
5
3
2
10
--0.01
3
25
--10
--0.1
73
25
7
3
25
7
--1.0
hFE -- IC
Collector Current, IC -- A
2SA2039
VCE= --2V
IT00156
1000
100
7
5
3
2
7
5
3
2
10
0.01
3
25
10
0.1
73
25
7
3
25
7
1.0
hFE -- IC
Collector Current, IC -- A
Ta=75
°C
--25
°C
25
°C
2SC5706
VCE=2V
IT00157
25
°C
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V IT02975
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
2SC5706
VCE=2V
IT00155
2SA2039
VCE= --2V
--4.0
--3.5
--3.0
--2.5
--2.0
--1.0
--0.5
--1.5
0
0
--0.2
--0.4
--0.6
--0.8
--1.4
--1.0
--1.2
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IT00154
0
--1
--2
--3
--4
--5
0
--0.4
--0.8
--1.0
--1.2
--1.4
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
--10mA
--5mA
--20mA
--30mA
--60mA
--80mA
--100mA
IB=0mA
IT02974
--40mA
--50mA
--70mA
0
1
2
3
4
5
0
0.4
0.8
1.0
1.2
1.4
5mA
20mA
10mA
IB=0mA
30mA
40mA
50mA
60mA
70mA
80mA
2SA2039
2SC5706
--90mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com