| Electronic Components Datasheet Search |
|
WM71004 Datasheet(PDF) 17 Page - Ramtron International Corporation |
|
|
|||||||||||||||||||||||||||||
WM71004 Datasheet(HTML) 17 Page - Ramtron International Corporation |
|
17 / 24 page ![]() WM710xx – Secure F-RAM with Gen-2 RFID Rev. 1.4 May 2011 Page 17 of 24 SUPPORTED COMMANDS The WM710xx supports the following Select, Inventory, and Access commands as described in the EPCglobal class 1 generation 2 UHF RFID Specification. Please refer to the referenced document for detailed descriptions of these commands. Select Query QueryAdjust QueryRep ACK NAK Req_RN Read Write Kill Lock Access BlockWrite * BlockPermalock MAXARIAS GEN2 CUSTOM COMMAND: BLOCKWRITE The WM710xx supports a customized version of the BLOCKWRITE command to support unique features within the device. The BLOCKWRITE command optional feature is enabled by asserting the BLKWREN control bit in the Control/Status register to a logic one, after which the WM710xx will require a power cycle to initialize itself. To support other features within the WM710xx, the BLOCKWRITE command uses the address stored in the Working Stored Address register. The address pointer passed in the BLOCKWRITE command is the physical address 0x3FFF (EBV formatted address = 0xF7FF), representing the same address used for unaddressed write cycles. A single BLOCKWRITE command carries a maximum data payload of 127 words. BLOCKWRITE commands with data payloads greater than 127 words may optionally be written to unlocked memory, however the WM710xx will not acknowledge the BLOCKWRITE command with a success message. In this event, the host interrogator may perform one or more READ cycles to verify USER memory data contents. Prior to transmitting a BLOCKWRITE command, the interrogator must set the Working Stored Address register through a standard Gen2 WRITE command. The BLOCKWRITE command is shown in Figure 17 below. BLKWRITE (0xC7) Membank (0b11) WordPtr (0xF7FF) Data (xNN × 16-bit data) Handle (0xHHHH) CRC-16 (0xCCCC) WordCnt (0xNN) Figure 17. Block Write Syntax BLOCKWRITE commands do not support the auto-increment feature used for UNADDR_WRITE commands. As such, the Working Stored Address must be manually updated by the host interrogator and will not be altered by a BLOCKWRITE command. When using the streaming capabilities of the BLOCKWRITE command, care should be taken to consider the logic state of the AUTOINCR control bit. As with UNADDR_WRITE commands, the Working Stored Address register is incremented prior to writing data to memory when AUTOINCR=1 affecting the first USER memory address written to. Figure 18 shows an 8-word BLOCKWRITE command with AUTOINCR=0; Figure 19 shows a BLOCKWRITE command with AUTOINCR=1. In the respective figures, when AUTOINCR=0, data is written starting at the address defined by the Working Stored Address register – 0x006; when AUTOINCR=1, data is written starting at the next free address defined by the contents of the Working Stored Address incremented by one, or 0x007. It is important |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |