Electronic Components Datasheet Search
  English  ▼

X  

FM33256 Datasheet(PDF) 22 Page - Ramtron International Corporation

Part # FM33256
Description  3V Integrated Processor Companion with Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM33256 Datasheet(HTML) 22 Page - Ramtron International Corporation

Back Button FM33256 Datasheet HTML 18Page - Ramtron International Corporation FM33256 Datasheet HTML 19Page - Ramtron International Corporation FM33256 Datasheet HTML 20Page - Ramtron International Corporation FM33256 Datasheet HTML 21Page - Ramtron International Corporation FM33256 Datasheet HTML 22Page - Ramtron International Corporation FM33256 Datasheet HTML 23Page - Ramtron International Corporation FM33256 Datasheet HTML 24Page - Ramtron International Corporation FM33256 Datasheet HTML 25Page - Ramtron International Corporation FM33256 Datasheet HTML 26Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
FM33256/FM3316 SPI Companion w/ FRAM
Rev. 2.0
Feb. 2009
Page 22 of 28
After the op-code and address are issued, the device
drives out the read data on the next 8 clocks. The SI
input is ignored during read data bytes. Subsequent
bytes are data bytes, which are read out sequentially.
Addresses are incremented internally as long as the
bus master continues to issue clocks and /CS is low.
If the last address is reached (e.g. 7FFFh on the
FM33256), the counter will roll over to 0000h. Data
is read MSB first. The rising edge of /CS terminates a
READ operation.
A read operation is shown in
Figure 20.
CS
SCK
SI
SO
0
1
234
56
7
00
Hi-Z
1
MSB
LSB
012
34
6
7
X
0
Op-code
16-bit Address
0
0
1
11
12
13
14
01
23
45
67
7
Data In
0
1
2
3
4
5
6
MSB
LSB
7
0
00
0
Figure 19. Memory Write
CS
SCK
SI
SO
0
1
234
56
7
00
Hi-Z
1
MSB
LSB
012
34
6
7
X
0
Op-code
16-bit Address
0
1
11
12
13
14
01
23
45
67
7
Data Out
0
1
2
3
4
5
6
MSB
LSB
7
0
1
00
0
Figure 20. Memory Read
Addressing F-RAM Array in the FM33xx Family
The FM33xx devices include 256Kb and 16Kb memory densities. The following 2-byte address field is shown for
each density.
Table 7. Two-Byte Memory Address
Part #
1
st Address Byte
2
nd Address Byte
FM33256
x
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
FM3316
x
x
x
x
x
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com