Electronic Components Datasheet Search
  English  ▼

X  

2SC5888 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5888
Description  High-Current Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5888 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5888 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5888 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5888 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5888 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5888 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA2099 / 2SC5888
No.7331-2/5
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)40V, IE=0A
(--)10
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)10
μA
DC Current Gain
hFE
VCE=(--)2V, IC=(--)1A
200
(560)700
Gain-Bandwidth Product
fT
VCE=(--)5V, IC=(--)1A
(130)200
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(90)60
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)5A, IB=(--)250mA
(--250)180 (--500)360
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)5A, IB=(--)250mA
(--)0.93
(--)1.4
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)100μA, IE=0A
(--50)60
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)100μA, IC=0A
(--)6
V
Turn-ON Time
ton
See specified Test Circuit.
(70)40
ns
Storage Time
tstg
See specified Test Circuit.
(650)1000
ns
Fall Time
tf
See specified Test Circuit.
(60)80
ns
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7508-002
10.0
3.2
4.5
2.8
1.6
1.2
0.7
0.75
2.55
2.55
12
3
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-220ML
--10
--9
--8
--6
--7
--4
--5
--2
--3
--1
0
--1.0
0
--2.0
--3.0
--4.0
--5.0
--0.5
--1.5
--2.5
--3.5
--4.5
10
9
8
6
7
4
5
2
3
1
0
1.0
0
2.0
3.0
4.0
5.0
0.5
1.5
2.5
3.5
4.5
IC -- VCE
--10mA
--20mA
--30mA
--40mA
--50mA
--60mA
--70mA
--100mA
IB=0mA
IT04794
IC -- VCE
IB=0mA
10mA
20mA
30mA
40mA
IT04795
2SA2099
2SC5888
--90mA
From top
100mA
90mA
80mA
70mA
60mA
50mA
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
VR
RB
VCC=20V
VBE= --5V
+
+
50
Ω
INPUT
OUTPUT
RL
100
μF470μF
PW=20
μs
IB1
D.C.
≤1%
IB2
IC=20IB1= --20IB2=3A
(For PNP, the polarity is reversed.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com