Electronic Components Datasheet Search
  English  ▼

X  

B360A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # B360A
Description  Surface Mount Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

B360A Datasheet(HTML) 2 Page - Vishay Siliconix

  B360A Datasheet HTML 1Page - Vishay Siliconix B360A Datasheet HTML 2Page - Vishay Siliconix B360A Datasheet HTML 3Page - Vishay Siliconix B360A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89414
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 20-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
B350A, B360A
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width  40 ms
Note
(1) PCB mounted with 0.32" x 0.32" (8 mm x 8 mm) copper pad areas. TL measured at lead terminal mount.
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous
forward voltage
IF = 3.0 A
TA = 25 °C
VF (1)
0.64
0.72
V
TA = 125 °C
0.55
0.62
Maximum reverse current
Rated VR
TA = 25 °C
IR (2)
-
200
μA
TA = 125 °C
2.9
10
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
145
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
B350A
B360A
UNIT
Typical thermal resistance
RJA (1)
72
°C/W
RJL (1)
12
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
B360A-M3/61T
0.064
61T
1800
7" diameter plastic tape and reel
B360A-M3/5AT
0.064
5AT
7500
13" diameter plastic tape and reel
80
100
110
120
130
140
0
1.5
3.0
150
Lead Temperature (°C)
90
1.0
2.5
0.5
2.0
P.C.B. Mounted on
0.32" x 0.32" (8 mm x 8 mm)
Copper Pad Areas
Resistive or Inductive Load
2.5
2.0
1.0
0.5
0
0
0.5
1.0
1.5
2.0
3.0
3.5
Average Forward Current (A)
1.5
D = t
p/T
t
p
T
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com