Electronic Components Datasheet Search
  English  ▼

X  

2SC4134 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC4134
Description  High-Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4134 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC4134 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4134 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4134 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4134 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4134 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
No.2510-3/5
2SA1592/2SC4134
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
--1
--3
--2
--4
--5
IC -- VCE
--2mA
--3mA
--1mA
--5mA
--10mA
--15mA
--30mA
--25mA
--20mA
IB=0
ITR03995
2SA1592
1.0
0.8
0.6
0.4
0.2
0
01
3
24
5
IC -- VCE
IB=0
ITR03996
--500
--400
--300
--200
--100
0
0
--10
--30
--20
--40
--50
IC -- VCE
IB=0
ITR03997
2SA1592
500
400
300
200
100
0
010
30
20
40
50
IC -- VCE
IB=0
ITR03998
2SC4134
2mA
1mA
3mA
5mA
0.5mA
1.0mA
2.0mA
1.5mA
15mA
10mA
30mA
25mA
20mA
2SC4134
--1.0mA
--0.5mA
--1.5mA
--2.0mA
--2.5mA
Collector-to-Emitter Voltage, VCE – V
Collector-to-Emitter Voltage, VCE –V
Collector-to-Emitter Voltage, VCE –V
Collector-to-Emitter Voltage, VCE –V
IC -- VBE
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
ITR03999
2SA1592
VCE=--5V
hFE -- IC
10
2
3
5
7
100
2
3
5
7
1000
72
3
5
7
--0.01
--0.1
23
23
57 --1.0
ITR04001
2SA1592
VCE=--5V
25
°C
--25
°C
IC -- VBE
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.2
0.4
0.6
0.8
1.0
1.2
ITR04000
2SC4134
VCE=5V
Ta=75
°C
hFE -- IC
10
2
3
5
7
100
2
3
5
7
1000
72
3
5
7
0.01
0.1
23
23
57
1.0
ITR04002
2SC4134
VCE=5V
25
°C
--25°C
Ta=75°C
Base-to-Emitter Voltage, VBE –V
Base-to-Emitter Voltage, VBE –V
Collector Current, IC –A
Collector Current, IC –A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com