Electronic Components Datasheet Search
  English  ▼

X  

2SD1620 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SD1620
Description  1.5V, 3V Strobe Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1620 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SD1620 Datasheet HTML 1Page - Sanyo Semicon Device 2SD1620 Datasheet HTML 2Page - Sanyo Semicon Device 2SD1620 Datasheet HTML 3Page - Sanyo Semicon Device 2SD1620 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SD1620
No.1719-3/4
VCE(sat) -- IC
Collector Current, IC -- A
A S O
Collector-to-Emitter Voltage, VCE -- V
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
PC -- Ta
Ambient Temperature, Ta --
°C
hFE -- IC
Collector Current, IC -- A
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- mA
f T -- IC
0.01
23
5
2
3
5
23
5
0.1
1.0
10
ITR09990
3.2
2.8
0
1.6
1.2
2.4
2.0
0.4
0.8
0
0.2
0.4
0.6
0.8
1.0
1.2
VCE=2V
ITR09989
VCE=2V
1.0
23
5
7
2
3
5
10
3
2
100
3
2
5
7
10
ITR09992
10
1000
5
100
3
2
7
7
5
23
5
7
23
5
7
100
1000
VCE=10V
ITR09991
f=1MHz
1000
5
100
3
2
7
7
5
ITR09994
1.6
1.4
0.2
0.4
0.8
0.6
1.2
1.0
0
0
160
120
140
100
80
60
40
20
0.1
23
5
7
23
5
7
10
1.0
3
2
100
1000
3
2
7
5
3
7
5
2
ITR09993
IC / IB=50
Mounted
on
a
ceramic
board
(250mm
2✕
0.8mm)
No heat
sink
ITR09995
1.0
35
7
3
22
57
3
10
3
2
10
5
7
3
2
5
7
5
7
1.0
3
0.1
DC
operation
100ms
ICP=5A
IC=3A
Single pulse
Tc=25
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com