Electronic Components Datasheet Search
  English  ▼

X  

BA979 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BA979
Description  RF PIN Diodes - Single in QuadroMELF SOD-80
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA979 Datasheet(HTML) 1 Page - Vishay Siliconix

  BA979 Datasheet HTML 1Page - Vishay Siliconix BA979 Datasheet HTML 2Page - Vishay Siliconix BA979 Datasheet HTML 3Page - Vishay Siliconix BA979 Datasheet HTML 4Page - Vishay Siliconix BA979 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BA979, BA979S
Document Number 85533
Rev. 1.5, 05-Aug-10
Vishay Semiconductors
www.vishay.com
1
9612009
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
RF PIN Diodes - Single in QuadroMELF SOD-80
Features
• Wide frequency range 10 MHz to 1 GHz
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC
and in accordance to WEEE 2002/96/EC
Applications
• Current controlled HF resistance in adjustable
attenuators
Mechanical Data
Case: QuadroMELF SOD-80
Weight: approx. 34 mg
Cathode Band Color: Black
Packaging Codes/Options:
GS18/10 k per 13" reel (8 mm tape), 10 k/box
GS08/2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Ordering code
Type Marking
Remarks
BA979
Zr > 5 kΩ
BA979-GS18 or BA979-GS08
-
Tape and Reel
BA979S
Zr > 9 kΩ
BA979S-GS18 or BA979S-GS08
-
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
30
V
Forward continuous current
IF
50
mA
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
on PC board
50 mm x 50 mm x 1.6 mm
RthJA
500
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 55 to + 150
°C


Similar Part No. - BA979

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA979 VISHAY-BA979 Datasheet
152Kb / 5P
RF PIN Diodes
26-Apr-04
BA979 VISHAY-BA979 Datasheet
140Kb / 5P
RF PIN Diodes
26-Apr-04
BA979 VISHAY-BA979 Datasheet
100Kb / 4P
RF PIN Diodes - Single in QuadroMELF SOD-80
21-May-12
BA979S VISHAY-BA979S Datasheet
152Kb / 5P
RF PIN Diodes
26-Apr-04
BA979S VISHAY-BA979S Datasheet
140Kb / 5P
RF PIN Diodes
26-Apr-04
More results

Similar Description - BA979

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA980 VISHAY-BA980_10 Datasheet
206Kb / 4P
RF PIN Diode - Single in QuadroMELF SOD-80
05-Aug-10
BA679S-GS08 VISHAY-BA679S-GS08 Datasheet
83Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA679-GS08 VISHAY-BA679-GS08 Datasheet
81Kb / 4P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA979S-GS18 VISHAY-BA979S-GS18 Datasheet
100Kb / 4P
RF PIN Diodes - Single in QuadroMELF SOD-80
21-May-12
BA679 VISHAY-BA679_15 Datasheet
83Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA679-M VISHAY-BA679-M Datasheet
95Kb / 4P
RF PIN Diodes - Single in MiniMELF SOD-80
02-Mar-15
BA679-M VISHAY-BA679-M_V01 Datasheet
88Kb / 4P
RF PIN Diodes - Single in MiniMELF (SOD-80)
07-Mar-2022
BA679 VISHAY-BA679_V01 Datasheet
87Kb / 4P
RF PIN Diodes - Single in MiniMELF (SOD-80)
07-Mar-2022
BA980 VISHAY-BA980_V01 Datasheet
93Kb / 3P
RF PIN Diode - Single in QuadroMELF SOD-80
21-May-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com