Electronic Components Datasheet Search
  English  ▼

X  

BA980 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BA980
Description  RF PIN Diode - Single in QuadroMELF SOD-80
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA980 Datasheet(HTML) 1 Page - Vishay Siliconix

  BA980 Datasheet HTML 1Page - Vishay Siliconix BA980 Datasheet HTML 2Page - Vishay Siliconix BA980 Datasheet HTML 3Page - Vishay Siliconix BA980 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BA980
Document Number 85636
Rev. 1.4, 05-Aug-10
Vishay Semiconductors
www.vishay.com
1
9612009
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
RF PIN Diode - Single in QuadroMELF SOD-80
Features
• Wide frequency range 10 MHz to 1 GHz
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC
and in accordance to WEEE 2002/96/EC
Applications
• Current controlled HF resistance in adjustable
attenuators
Mechanical Data
Case: QuadroMELF SOD-80
Weight: approx. 34 mg
Cathode Band Color: Black
Packaging Codes/Options:
GS18/10 k per 13" reel (8 mm tape), 10 k/box
GS08/2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Part
Ordering code
Type Marking
Remarks
BA980
BA980-GS18 or BA980-GS08
-
Tape and Reel (2.500 pcs)
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
30
V
Forward continuous current
IF
50
mA
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
on PC board
50 mm x 50 mm x 1.6 mm
RthJA
500
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 55 to + 150
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 20 mA
VF
1000
mV
Reverse current
VR = 30 V
IR
50
nA
Diode capacitance
f = 100 MHz, VR = 0
CD
0.5
pF
Differential forward resistance
f = 100 MHz, IF = 1.5 mA
rf
40
60
Ω
Reverse impedance
f = 100 MHz, VR = 0
zr
5k
Ω
Minority carrier lifetime
IF = 10 mA, IR = 10 mA
τ
4µs


Similar Part No. - BA980

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA980 VISHAY-BA980 Datasheet
895Kb / 3P
RF PIN Diode
26-Mar-01
BA980 VISHAY-BA980 Datasheet
320Kb / 4P
RF PIN Diode - Single in QuadroMELF SOD80
26-Jul-06
BA980 VISHAY-BA980 Datasheet
93Kb / 3P
RF PIN Diode - Single in QuadroMELF SOD-80
21-May-12
BA980-GS08 VISHAY-BA980-GS08 Datasheet
895Kb / 3P
RF PIN Diode
26-Mar-01
BA980-GS08 VISHAY-BA980-GS08 Datasheet
320Kb / 4P
RF PIN Diode - Single in QuadroMELF SOD80
26-Jul-06
More results

Similar Description - BA980

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA980 VISHAY-BA980_08 Datasheet
320Kb / 4P
RF PIN Diode - Single in QuadroMELF SOD80
26-Jul-06
S391D VISHAY-S391D_06 Datasheet
78Kb / 4P
RF PIN Diode - Single in MiniMELF SOD-80
16-Mar-06
BA979 VISHAY-BA979_10 Datasheet
213Kb / 5P
RF PIN Diodes - Single in QuadroMELF SOD-80
05-Aug-10
S391D VISHAY-S391D_10 Datasheet
107Kb / 4P
RF PIN Diode - Single in MiniMELF SOD-80
16-Jul-10
BA679S-GS08 VISHAY-BA679S-GS08 Datasheet
83Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA679-GS08 VISHAY-BA679-GS08 Datasheet
81Kb / 4P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA979S-GS18 VISHAY-BA979S-GS18 Datasheet
100Kb / 4P
RF PIN Diodes - Single in QuadroMELF SOD-80
21-May-12
BA679 VISHAY-BA679_15 Datasheet
83Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA980 VISHAY-BA980_V01 Datasheet
93Kb / 3P
RF PIN Diode - Single in QuadroMELF SOD-80
21-May-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com