Electronic Components Datasheet Search
  English  ▼

X  

BAT41 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAT41
Description  Small Signal Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT41 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAT41 Datasheet HTML 1Page - Vishay Siliconix BAT41 Datasheet HTML 2Page - Vishay Siliconix BAT41 Datasheet HTML 3Page - Vishay Siliconix BAT41 Datasheet HTML 4Page - Vishay Siliconix BAT41 Datasheet HTML 5Page - Vishay Siliconix BAT41 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BAT41
Document Number 85659
Rev. 1.6, 12-Aug-10
Vishay Semiconductors
www.vishay.com
1
94 9367
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Small Signal Schottky Diode
Features
• For general purpose applications
• This diode features low turn-on voltage
and high breakdown voltage. This device
is protected by a PN junction guard ring
against
excessive
voltage,
such
as
electrostatic discharges
• This diode is also available in a MiniMELF
case with type designation LL41
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
• Halogen-free
according
to
IEC
61249-2-21
definition
Mechanical Data
Case: DO-35
Weight: approx. 125 mg
Cathode Band Color: black
Packaging Codes/Options:
TR/10 k per 13" reel (52 mm tape), 50 k/box
TAP/10 k per Ammopack (52 mm tape), 50 k/box
Parts Table
/
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature
Part
Ordering code
Type Marking
Remarks
BAT41
BAT41-TR or BAT41-TAP
BAT41
Tape and Reel/Ammopack
Parameter
Test condition
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
100
V
Forward continuous current
IF
1001)
mA
Repetitive peak forward current
tp < 1 s, δ < 0.5
IFRM
3501)
mA
Surge forward current
tp = 10 ms
IFSM
7501)
mA
Power dissipation
Tamb = 65 °C
Ptot
2001)
mW


Similar Part No. - BAT41

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT41 STMICROELECTRONICS-BAT41 Datasheet
58Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
General Semiconductor
BAT41 GE-BAT41 Datasheet
41Kb / 2P
Schottky Diodes
logo
Galaxy Semi-Conductor H...
BAT41 BILIN-BAT41 Datasheet
109Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
STMicroelectronics
BAT41 STMICROELECTRONICS-BAT41 Datasheet
153Kb / 12P
Low capacitance small signal Schottky diodes
08-Aug-2006
logo
GOOD-ARK Electronics
BAT41 GOOD-ARK-BAT41 Datasheet
133Kb / 2P
Small-Signal Diode
More results

Similar Description - BAT41

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com