Electronic Components Datasheet Search
  English  ▼

X  

DPA424 Datasheet(PDF) 30 Page - Power Integrations, Inc.

Part # DPA424
Description  Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DPA424 Datasheet(HTML) 30 Page - Power Integrations, Inc.

Back Button DPA424 Datasheet HTML 26Page - Power Integrations, Inc. DPA424 Datasheet HTML 27Page - Power Integrations, Inc. DPA424 Datasheet HTML 28Page - Power Integrations, Inc. DPA424 Datasheet HTML 29Page - Power Integrations, Inc. DPA424 Datasheet HTML 30Page - Power Integrations, Inc. DPA424 Datasheet HTML 31Page - Power Integrations, Inc. DPA424 Datasheet HTML 32Page - Power Integrations, Inc. DPA424 Datasheet HTML 33Page - Power Integrations, Inc. DPA424 Datasheet HTML 34Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Rev. S 12/07
30
DPA422-426
www.powerint.com
Part Ordering Information
• DPA-Switch Product Family
• Series Number
• Package Identifier
G
Plastic Surface Mount DIP
(422, 423, 424 & 425 only)
P
Plastic DIP
R
Plastic TO-263-7C (available only with TL option)
• Lead Finish
Blank
Standard (Sn Pb)
N
Pure Matte Tin (Pb-Free) (P & G)
• Tape & Reel and Other Options
Blank
Standard Configurations
TL
Tape & Reel, (G package: 1000 min./mult., R package: 750 min./mult.)
Typical Performance Characteristics (cont.)
20
16
18
14
12
10
8
6
4
2
0
01
2
3
4
5
Drain Voltage (V)
Scaling Factors:
DPA423 = 0.18
DPA424 = 0.36
DPA425 = 0.72
DPA426 = 1.00
TCASE = 25 °C
TCASE = 100 °C
Figure 48. Output Characteristics.
2.5
2
1.5
1
0.5
0
-50 -25
0
25
75
50
100 125 150
Temperature (
°C)
Figure 49. On-Resistance vs. Temperature.
0
20
40
60
80 100 120 140 160
10
100
1000
10000
DRAIN Voltage (V)
Scaling Factors:
DPA423 = 0.18
DPA424 = 0.36
DPA425 = 0.72
DPA426 = 1.00
Figure 50. C
OSS vs. DRAIN Voltage.
2.5
2
1.5
1
0.5
0
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
In-Circuit Peak Drain Current Normalized to
Nominal Device Internal Current Limit
Scaling Factors:
DPA423 = 0.08
DPA424 = 0.20
DPA425 = 0.55
DPA426 = 1.00
Data taken from a typical
forward converter design.
Figure 51. Typical Switching Loss.
DPA 423 G N - TL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com