Electronic Components Datasheet Search
  English  ▼

X  

LCS702HG Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # LCS702HG
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS702HG Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button LCS702HG Datasheet HTML 13Page - Power Integrations, Inc. LCS702HG Datasheet HTML 14Page - Power Integrations, Inc. LCS702HG Datasheet HTML 15Page - Power Integrations, Inc. LCS702HG Datasheet HTML 16Page - Power Integrations, Inc. LCS702HG Datasheet HTML 17Page - Power Integrations, Inc. LCS702HG Datasheet HTML 18Page - Power Integrations, Inc. LCS702HG Datasheet HTML 19Page - Power Integrations, Inc. LCS702HG Datasheet HTML 20Page - Power Integrations, Inc. LCS702HG Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Rev. B 062011
17
LCS700-708
www.powerint.com
The recommended series resistor value of 220 W and the bypass
capacitor form a low-pass filter, and its time constant must not
cause significant attenuation of the current sense signal at the
nominal operating frequency. The effect of the attenuation is
greatest for the first pulse in the start-up current waveform, and
can also affect proper shutdown during short-circuit testing,
which typically trips the 7-cycle current limit. Place a close-
coupled probe across the IS pin bypass capacitor and compare
the waveform to the primary current.
Burst Mode Operation and Tuning
Burst mode will produce a typical waveform such as in Figure 24.
During the burst pulse train, the switching frequency rises from
f
START to fSTOP.
If the initial output ripple spike at the beginning of the burst
pulse train is ignored, the output ripple somewhat resembles a
sawtooth. See the output ripple waveform in Figure 24. When
the HiperLCS is switching, the output rises. When it stops
switching, the output falls. The top of the sawtooth is where the
burst pulse train ends, because the feedback loop has commanded
a frequency = f
STOP. The bottom of the sawtooth is where the
burst pulse train begins, because the feedback loop has
commanded a frequency = f
START. As such, the burst mode
control resembles a hysteretic controller, where the top and
bottom of the sawtooth are fixed by the feedback loop gain.
The downward slope of the sawtooth is merely the output
capacitors discharging into the load, with dv/dt:
#
IC
dt
dv
=
Where I = load current. C is the total output capacitance.
The upward slope of the sawtooth is dependent on the difference
between the current delivered by the powertrain, and the current
drawn by the load. For a given design, the upward slope
increases with input voltage.
The burst repetition rate (frequency) then increases with load.
When the load reaches a point where the powertrain can
regulate at a frequency <f
STOP, the bursting will stop. When the
load current decreases (from heavy load), frequency increases,
and when it reaches f
STOP, bursting will commence.
In a typical design, f
START must be chosen to be at least 20-40%
higher than the nominal switching frequency. Figure 18 shows
the relationship between f
START and dead-time, and Table 5 the
ratio of f
STOP to fSTART vs. Burst Threshold setting number). In
some cases the designer may choose to change dead-time
slightly in order to change f
START and fSTOP. Some designs may
only enter burst mode at zero load and an input voltage above
nominal.
C7
1 nF
C11
6.8 nF
1 kV
HB Pin
LLC
Transformer
IS Pin
GROUND
Pin
S Pin
C12
47 pF
1 kV
PI-6161-051711
R11
24 Ω
R12
220 Ω
Figure 23. Capacitive Divider Current Sense Circuit.
Figure 24. Typical Waveform of Burst Mode. 24 V / 150 W HiperLCS Design at
Zero Load. The Initial Spike (circled) Size is Dependent on Post-Filter
Electrolytic Capacitor ESR.
PI-6468-062811
0
50
100
100
400
300
200
Time (ms)
24.0
23.9
24.1
Burst Repetition Rate
0
Figure 25. Zoom in of First Few Switching Cycles of Burst Pulse Train of Figure 24.
The First 2 Cycles Show That the High-Side Driver has not Turned
on yet. The Switching Frequency of the First Few Cycles is f
START,
335 kHz in This Case. The Ringing on the Output is from the
Output Filter.
PI-6469-062811
0
25
50
100
400
300
200
Time ( s)
0
24.0
23.9
24.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com