Electronic Components Datasheet Search
  English  ▼

X  

LNK574 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # LNK574
Description  Zero No-Load Consumption Integrated Off-Line Switcher
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK574 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  LNK574 Datasheet HTML 1Page - Power Integrations, Inc. LNK574 Datasheet HTML 2Page - Power Integrations, Inc. LNK574 Datasheet HTML 3Page - Power Integrations, Inc. LNK574 Datasheet HTML 4Page - Power Integrations, Inc. LNK574 Datasheet HTML 5Page - Power Integrations, Inc. LNK574 Datasheet HTML 6Page - Power Integrations, Inc. LNK574 Datasheet HTML 7Page - Power Integrations, Inc. LNK574 Datasheet HTML 8Page - Power Integrations, Inc. LNK574 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Rev. B 12/07/10
2
LNK574
www.powerint.com
Figure 2
Functional Block Diagram.
Figure 3.
Pin Configuration.
Pin Functional Description
DRAIN (D) Pin:
The power MOSFET drain connection provides internal
operating current for both startup and steady-state operation.
BYPASS/MULTI-FUNCTIONAL PROGRAMMABLE (BP/M) Pin:
An external bypass capacitor for the internally generated 5.85 V
supply is connected to this pin. The value of capacitor
establishes the power down period. The minimum value of
capacitor is 0.1
mF. An overvoltage protection disables the
switching if the current into the pin exceeds 6.5 mA (I
SD).
FEEDBACK (FB) Pin:
During normal operation, switching of the power MOSFET is
controlled by this pin. MOSFET switching is disabled when a
voltage greater than an internal V
FB reference voltage is applied
to the FEEDBACK pin.
The V
FB reference voltage is internally adjusted from 1.70 V at full
load to 1.37 V at no-load in CV mode, and 1.70 V to 0.9 V in CC
mode. Below 0.9 V the part enters auto-restart operation.
SOURCE (S) Pin:
This pin is the power MOSFET source connection. It is also the
ground reference for the BYPASS and FEEDBACK pins.
PI-5507-060210
D Package (SO-8C)
BP/M
FB
D
1
2
4
8
7
6
5
S
S
S
S
PI-5509-111810
CLOCK
OSCILLATOR
5.85 V
4.85 V
6.5 V
3 V
PU
OVERVOLTAGE
PROTECTION
RESET
0.9 V
FAULT
SOURCE
(S)
S
R
Q
DCMAX
ADJ
AUTO-RESTART
COUNTER
RESET
JITTER
BYPASS/
MULTI FUNCTION
(BP/M)
+
-
VI
LIMIT
LEADING
EDGE
BLANKING
+
-
DRAIN
(D)
BYPASS PIN
UNDERVOLTAGE
CURRENT LIMIT
FEEDBACK
(FB)
OPEN LOOP
PULL UP
Q
+
REGULATOR
5.85 V
GENERATOR
FEEDBACK REF
1.70 V - 1.37 V
CC CUT BACK
1.70 V - 0.9 V
POWER
DOWN
COUNTER
EVENT
COUNTER
SYSTEM
POWER
DOWN/
RESTART
PU
160 fOSC
CYCLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com