Electronic Components Datasheet Search
  English  ▼

X  

LN1VB60 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # LN1VB60
Description  General Purpose Rectifiers(600V 1.2A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

LN1VB60 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  LN1VB60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd LN1VB60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd LN1VB60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd LN1VB60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd LN1VB60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LN1VB60
600V 1.2A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
Case : 1V
OUTLINE DIMENSIONS
(Unit : mm)
RATINGS
Case : 1V
SHINDENGEN
● Adapter
● Switching power supply
● Home Appliances, Office Equipment,
Telecommunication
APPLICATION
● Low noise
● Small Single In-Line (:SIL) Package
● Applicable to Automatic Insertion
FEATURES
General Purpose Rectifiers
iLow Noise Bridges
●Absolute Maximum Ratings (If not specified Tl=25℃)
 Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
600
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Ta=25℃
1.2
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25℃
50
A
Current Squared Time
I
2t
1ms≦t<10ms Tj=25℃
6
A
2s
●Electrical Characteristics (If not specified Tl=25℃)
 Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=0.6A, Pulse measurement, Rating of per diode
Max. 1.0
V
Reverse Current
IR
V
R=VRM,
Pulse measurement, Rating of per diode
Max. 10
μA
Reverse Recovery Time
trr
IF=0.1A, IR=0.1A,
Rating of per diode
Max. 5
μs
Thermal Resistance
θjl
junction to lead
Max.16
℃/W
θja
junction to ambient
Max. 62


Similar Part No. - LN1VB60

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LN100 SUTEX-LN100 Datasheet
736Kb / 6P
1200V Cascoded N-Channel MOSFET
LN100LA-G SUTEX-LN100LA-G Datasheet
736Kb / 6P
1200V Cascoded N-Channel MOSFET
logo
Leshan Radio Company
LN108N3T5G LRC-LN108N3T5G Datasheet
678Kb / 5P
20V N-Channel Enhancement-Mode MOSFET
logo
Beijing Yaohuadechang E...
LN112-0.4 YHDC-LN112-0.4 Datasheet
1Mb / 1P
LN series common mode choke
LN112-0.5 YHDC-LN112-0.5 Datasheet
1Mb / 1P
LN series common mode choke
More results

Similar Description - LN1VB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1F60 SHINDENGEN-D1F60 Datasheet
322Kb / 6P
General Purpose Rectifiers(600V 1A)
D1F60A SHINDENGEN-D1F60A Datasheet
317Kb / 6P
General Purpose Rectifiers(600V 1.2A)
D1N60 SHINDENGEN-D1N60 Datasheet
300Kb / 5P
General Purpose Rectifiers(600V 1A)
D25XB60 SHINDENGEN-D25XB60 Datasheet
304Kb / 6P
General Purpose Rectifiers(600V 25A)
D3SB60 SHINDENGEN-D3SB60 Datasheet
298Kb / 6P
General Purpose Rectifiers(600V 4A)
D4F60 SHINDENGEN-D4F60 Datasheet
339Kb / 7P
General Purpose Rectifiers(600V 4A)
D5SB60 SHINDENGEN-D5SB60 Datasheet
325Kb / 6P
General Purpose Rectifiers(600V 6A)
D5SBA60 SHINDENGEN-D5SBA60 Datasheet
275Kb / 5P
General Purpose Rectifiers(600V 6A)
LN4SB60 SHINDENGEN-LN4SB60 Datasheet
338Kb / 6P
General Purpose Rectifiers(600V 4A)
S1VBA60 SHINDENGEN-S1VBA60 Datasheet
271Kb / 5P
General Purpose Rectifiers(600V 1A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com