Electronic Components Datasheet Search
  English  ▼

X  

EC4402C Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # EC4402C
Description  Small Signal Switch and Interface Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC4402C Datasheet(HTML) 2 Page - Sanyo Semicon Device

  EC4402C Datasheet HTML 1Page - Sanyo Semicon Device EC4402C Datasheet HTML 2Page - Sanyo Semicon Device EC4402C Datasheet HTML 3Page - Sanyo Semicon Device EC4402C Datasheet HTML 4Page - Sanyo Semicon Device EC4402C Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EC4402C
No.7037-2/5
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=100mA
1.57
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=10V, ID=100mA
0.20
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=10V, ID=100mA
0.32
nC
Diode Forward Voltage
VSD
IS=100mA, VGS=0V
0.9
1.2
V
Package Dimensions
Type No. Indication
unit : mm
7036-001
Electrical Connection
Switching Time Test Circuit
U
Top view
Polarity mark (Top)
Gate
Source
Source
Gate
Drain
Drain
*Electrodes : on the bottom
Polarity mark (Top)
Top view
PW=10
µs
D.C.
≤1%
4V
0V
VIN
P.G
50
Ω
G
S
ID=50mA
RL=500Ω
VDD=25V
VOUT
VIN
D
EC4402C
2
4
1
3
3
1
4
2
0.5
0.2
0.8
Top View
Bottom View
Polarity Discriminating Mark
1 : Gate
2 : Source
3 : Drain
4 : Drain
SANYO : ECSP1008-4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com