Electronic Components Datasheet Search
  English  ▼

X  

M1F80 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # M1F80
Description  General Purpose Rectifiers(800V 1A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

M1F80 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  M1F80 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd M1F80 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd M1F80 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd M1F80 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd M1F80 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd M1F80 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
M1F80
800V 1A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
Case :
OUTLINE DIMENSIONS
RATINGS
Case :M1F
SHINDENGEN
Unit : mm
● High reliability with superior moisture
resistance
● Applicable to Automatic Insertion
FEATURES
● Conventional Rectification
● Power source(Power Supply)
● Home Appliances, Office Equipment
● Telecommunication, Factory Automation
APPLICATION
●Absolute Maximum Ratings (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
800
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Ta=25℃
On alumina substrate
1.0
A
50Hz sine wave, R-load, Ta=25℃
On glass-epoxy substrate
0.64
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25℃
25
A
●Electrical Characteristics (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=1A,
Pulse measurement
Max.1.1
V
Reverse Current
IR
VR=VRM,
Pulse measurement
Max.10
μA
θjl
junction to lead
Max.20
Thermal Resistance
θja
junction to ambient,
On alumina substrate
Max.108
℃/W
junction to ambient,
On glass-epoxy substrate
Max.186
General Purpose Rectifiers
Single


Similar Part No. - M1F80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M1F80M12W2-1LA STMICROELECTRONICS-M1F80M12W2-1LA Datasheet
3Mb / 14P
Automotive‑grade ACEPACK DMT‑32 power module, fourpack topology, 1200 V, 78 mΩ typ. SiC Power MOSFET with NTC
16-Sep-2024
More results

Similar Description - M1F80

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10XB80 SHINDENGEN-D10XB80 Datasheet
309Kb / 6P
General Purpose Rectifiers(800V 10A)
D1UB80 SHINDENGEN-D1UB80 Datasheet
314Kb / 6P
General Purpose Rectifiers(800V 1A)
D20XB80 SHINDENGEN-D20XB80 Datasheet
349Kb / 6P
General Purpose Rectifiers(800V 20A)
D2SB80 SHINDENGEN-D2SB80 Datasheet
272Kb / 5P
General Purpose Rectifiers(800V 1.5A)
D3SB80 SHINDENGEN-D3SB80 Datasheet
298Kb / 6P
General Purpose Rectifiers(800V 4A)
D4SB80 SHINDENGEN-D4SB80 Datasheet
305Kb / 6P
General Purpose Rectifiers(800V 4A)
D5SB80 SHINDENGEN-D5SB80 Datasheet
302Kb / 6P
General Purpose Rectifiers(800V 6A)
D6SB80 SHINDENGEN-D6SB80 Datasheet
330Kb / 6P
General Purpose Rectifiers(800V 6A)
S1NB80 SHINDENGEN-S1NB80 Datasheet
271Kb / 5P
General Purpose Rectifiers(800V 1A)
S1VB80 SHINDENGEN-S1VB80 Datasheet
319Kb / 5P
General Purpose Rectifiers(800V 1A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com