Electronic Components Datasheet Search
  English  ▼

X  

MA1010 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # MA1010
Description  Power Switching Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MA1010 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  MA1010 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MA1010 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MA1010 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MA1010 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MA1010 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd MA1010 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MA1010 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SHINDENGEN
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MA1000 Series
RATINGS
OUTLINE DIMENSIONS
Unit : mm
MA1010
Case : MA7
Power Switching Regulators
●Absolute Maximum Ratings
Symbol
Unit
P Class
N Class
Storage Temperature
Tstg
-30~125 -30~125
℃
Operating Temperature
Top
Case Temperature
-20~125 -20~125
℃
Junction Temperature
Tj
150
150
℃
Peak Input Voltage
Vin
②+,④-,Fig.1 is Measurement Circuit of Peak Input Voltage Vin and Collector Cutoff Current ICEX.
500
500
V
Input Current
Iin
Pulse Pulse Width 150μs MAX, Duty1/2, Sawtooth Wave, Peak Value, ②+,④-
66
A
Maximum Operating Frequency
f(max)
200
200
kHZ
Maximum Power Dissipation
PD
Ta=25℃
33
W
PD
Heatsink Tc=100℃
12
12W
Dielectric Strength
Vdis
Terminals To Case AC 1 min
22
kV
Insulation Resistance
Terminals To Case 500VDC
100
100
MΩ
Fold Back Control Voltage
VCONT(max) Fold Control Resistance=0Ω  Duty 1/2, ④,⑦
±8
±8V
Fold Back Control Current
ICONT(max) ④-,⑥+
100
100
mA
●Electrical Characteristics (Tc=25℃)
Symbol
Unit
P Class
N Class
Collector Cutoff Current
ICEX
MAX 0.1
MAX 0.1
mA
Q1
DC Current Gain
hFE
VCE = 5V, IC = 1.5A, ②+,④-,⑤IB
15~30
10~20
Collector to Emitter Saturation Voltage
VCE(sat)
IC=1.5A, IB=0.3A, ②+,④-,⑤IB
MAX 1.0
MAX 1.0
V
Thermal Resistance
θjc
Junction to Case
MAX 4.17MAX 4.17
℃/W
D1
Reverse Current
IR
VR=450V,①+,②-MAX 10MAX 10
μA
Forward Voltage
VF
IF=0.6A,①-,②+MAX 1.7
MAX 1.7
V
MIN 1.7
MIN 1.7
Driving Saturation Voltage
VD(sat)
IC=1.5A, IB=0.3A, ⑤+,④-
MAX 2.3
MAX 2.3
V
VCE=500V,Fig.1 is Measurement Circuit of Peak Input Voltage Vin and Collector Cutoff
Current ICEX. ,②+,④-
Ratings
Ratings
Item
Conditions
Conditions
Item


Similar Part No. - MA1010

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA10100 PANASONIC-MA10100 Datasheet
77Kb / 3P
Silicon epitaxial planar type
logo
Murata Manufacturing Co...
MA10101BAN MURATA-MA10101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA10101BBN MURATA-MA10101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA10101CAN MURATA-MA10101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA10101CBN MURATA-MA10101CBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA1010

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34166 ONSEMI-MC34166 Datasheet
403Kb / 20P
POWER SWITCHING REGULATORS
January, 2002 ??Rev. 6
MC34167 ONSEMI-MC34167 Datasheet
408Kb / 16P
POWER SWITCHING REGULATORS
1996 REV 3
logo
Shindengen Electric Mfg...
MA1050 SHINDENGEN-MA1050 Datasheet
447Kb / 7P
Power Switching Regulators
MA2420 SHINDENGEN-MA2420 Datasheet
449Kb / 7P
Power Switching Regulators
MA2430 SHINDENGEN-MA2430 Datasheet
448Kb / 7P
Power Switching Regulators
MA2810 SHINDENGEN-MA2810 Datasheet
449Kb / 7P
Power Switching Regulators
MA2820 SHINDENGEN-MA2820 Datasheet
449Kb / 7P
Power Switching Regulators
MA2830 SHINDENGEN-MA2830 Datasheet
450Kb / 7P
Power Switching Regulators
MA4520 SHINDENGEN-MA4520 Datasheet
483Kb / 9P
Power Switching Regulators
MA4810 SHINDENGEN-MA4810 Datasheet
489Kb / 9P
Power Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com