Electronic Components Datasheet Search
  English  ▼

X  

BU2008 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BU2008
Description  Enhanced PowerBridge Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BU2008 Datasheet(HTML) 3 Page - Vishay Siliconix

  BU2008 Datasheet HTML 1Page - Vishay Siliconix BU2008 Datasheet HTML 2Page - Vishay Siliconix BU2008 Datasheet HTML 3Page - Vishay Siliconix BU2008 Datasheet HTML 4Page - Vishay Siliconix BU2008 Datasheet HTML 5Page - Vishay Siliconix BU2008 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
New Product
BU2006 thru BU2010
Vishay General Semiconductor
Document Number: 89298
Revision: 15-Mar-11
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
www.vishay.com
3
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Figure 3. Forward Power Dissipation
Figure 4. Typical Forward Characteristics Per Diode
04
8
12
16
20
24
0
10
20
30
40
50
Average Forward Current (A)
0.3
1.1
0.01
10
0.1
1
100
0.5
0.7
0.9
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
1.0
0.4
0.6
0.8
Figure 5. Typical Reverse Characteristics Per Diode
Figure 6. Typical Junction Capacitance Per Diode
1000
20
10
60
40
30
50
70
90
100
80
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
0.1
1
10
100
10
1000
Reverse Voltage (V)
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com