Electronic Components Datasheet Search
  English  ▼

X  

BY396P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BY396P
Description  Soft Recovery Fast Switching Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY396P Datasheet(HTML) 1 Page - Vishay Siliconix

  BY396P Datasheet HTML 1Page - Vishay Siliconix BY396P Datasheet HTML 2Page - Vishay Siliconix BY396P Datasheet HTML 3Page - Vishay Siliconix BY396P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 88542
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 26-Oct-09
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Soft Recovery Fast Switching Plastic Rectifier
BY396P thru BY399P
Vishay General Semiconductor
FEATURES
• Fast switching for high efficiency
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Compliant
to
RoHS
directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in fast switching rectification of power supply,
inverters, converters and freewheeling diodes for consumer
and telecommunication.
Note
• These devices are not AEC-Q101 qualified.
MECHANICAL DATA
Case:
DO-201AD, molded epoxy body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity:
Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
3.0 A
VRRM
100 V to 800 V
IFSM
100 A
trr
500 ns
IR
10 μA
VF
1.25 V
TJ max.
125 °C
DO-201AD
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BY396P
BY397P
BY398P
BY399P
UNIT
Maximum repetitive peak reverse voltage
VRRM
100
200
400
800
V
Maximum RMS voltage
VRMS
70
140
280
560
V
Maximum DC blocking voltage
VDC
100
200
400
800
V
Maximum average forward rectified current
0.375" (9.5 mm) lead lengths at TA = 50 °C
IF(AV)
3.0
A
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load at TA= 50 °C
IFSM
100
A
Maximum repetitive peak forward surge at f < 15 kHz
IFRM
10
A
Operating junction temperature range
TJ
- 50 to + 125
°C
Storage temperature range
TSTG
- 50 to + 150
°C


Similar Part No. - BY396P

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BY396P GE-BY396P Datasheet
42Kb / 2P
SOFT RECOVER FAST - SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY396P VISHAY-BY396P Datasheet
79Kb / 4P
Soft Recovery Fast Switching Plastic Rectifier
24-Jul-13
BY396P VISHAY-BY396P_V01 Datasheet
79Kb / 4P
Soft Recovery Fast Switching Plastic Rectifier
24-Jul-13
More results

Similar Description - BY396P

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BY396 TRSYS-BY396 Datasheet
139Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
BY500-50 GOOD-ARK-BY500-50 Datasheet
157Kb / 2P
SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
BY396 PANJIT-BY396_04 Datasheet
36Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
BY396 PANJIT-BY396_09 Datasheet
67Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
MR850 PANJIT-MR850_09 Datasheet
67Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY500-100 VISHAY-BY500-100 Datasheet
70Kb / 4P
Soft Recovery Fast Switching Plastic Rectifier
26-Oct-09
logo
Shenzhen Luguang Electr...
BY500-50 LUGUANG-BY500-50 Datasheet
369Kb / 2P
Soft Recovery Fast Switching Plastic Rectifier
BY500-1000 LUGUANG-BY500-1000 Datasheet
1Mb / 2P
Soft Recovery Fast Switching Plastic Rectifier
logo
Vishay Siliconix
BY396P VISHAY-BY396P_V01 Datasheet
79Kb / 4P
Soft Recovery Fast Switching Plastic Rectifier
24-Jul-13
BY500-100 VISHAY-BY500-100_V01 Datasheet
74Kb / 4P
Soft Recovery Fast Switching Plastic Rectifier
26-Jul-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com