Electronic Components Datasheet Search
  English  ▼

X  

MA4820 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # MA4820
Description  Power Switching Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MA4820 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  MA4820 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MA4820 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MA4820 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MA4820 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MA4820 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd MA4820 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MA4820 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd MA4820 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MA4820 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SHINDENGEN
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MA4000 Series
RATINGS
OUTLINE DIMENSIONS
Unit : mm
MA4820
Case : MA7
Power Switching Regulators
●Absolute Maximum Ratings
Symbol
Unit
Storage Temperature
Tstg
℃
Operating Temperature
Top
℃
Junction Temperature
Tj
℃
Peak Input Voltage
Vin
②+,③-,⑤-
V
DC ②+,③-
A
Input Current
Iin
Pulse ②+,③- Duty1/2
A
Maximum Power Dissipation
PD
Ta=25℃
W
PD
Heatsink Tc=100℃
W
Dielectric Strength
Vdis
Terminals To Case AC 1 min
kV
Insulation Resistance
Terminals To Case 500VDC
MΩ
Max Voltage ④ to ⑥
V④・⑥ ④+,⑥-
V
Max Current ⑥ to ④
I⑥・④
⑥+,④-  (Peak)Duty Max 1/2
mA
Reverse Current
IZ
⑤+,④-
mA
●Electrical Characteristics (Tc=25℃)
Symbol
Unit
Zero Gate Voltage Dreain Current
IDSS
VDS=800V, VGS=0V,②+,③-
μA
Ω
Q1
RDS(on) I
D=2.5A, ②+,③-
VGS=10V,⑤+,③-
Ω
Thermal Resistance
θjc
Junction to Case
℃/W
D1
Reverse Current
IR
VR=800V, ①+,②-
μA
Forward Voltage
VF
I
F=0.6A, ②+,①-
V
Q2 Fold Back Detection Voltage
③+,④-
V
TYP 0.7
10
5
800
150
-30~125
-20~125
MAX 250
MAX 20
200
6
100
2
21
3
Conditions
Conditions
Item
Item
Static Drain-Source On-State
Resistance
Ratings
Ratings
MAX 1.7
MAX 3.0
TYP (2.1)
MAX 2.3
MAX 10


Similar Part No. - MA4820

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA480 MPOWER-MA480 Datasheet
125Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.0
logo
Microdc power Technolog...
MA4805XD-3W MICRODC-MA4805XD-3W Datasheet
973Kb / 2P
1000VDC Isolated 3WDual&single output DIP24 Converters
logo
Major-Power Technology ...
MA480CPA MPOWER-MA480CPA Datasheet
125Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.0
MA480P4A MPOWER-MA480P4A Datasheet
125Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.0
logo
Shindengen Electric Mfg...
MA4810 SHINDENGEN-MA4810 Datasheet
489Kb / 9P
Power Switching Regulators
More results

Similar Description - MA4820

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34166 ONSEMI-MC34166 Datasheet
403Kb / 20P
POWER SWITCHING REGULATORS
January, 2002 ??Rev. 6
MC34167 ONSEMI-MC34167 Datasheet
408Kb / 16P
POWER SWITCHING REGULATORS
1996 REV 3
logo
Shindengen Electric Mfg...
MA1010 SHINDENGEN-MA1010 Datasheet
596Kb / 7P
Power Switching Regulators
MA1050 SHINDENGEN-MA1050 Datasheet
447Kb / 7P
Power Switching Regulators
MA2420 SHINDENGEN-MA2420 Datasheet
449Kb / 7P
Power Switching Regulators
MA2430 SHINDENGEN-MA2430 Datasheet
448Kb / 7P
Power Switching Regulators
MA2810 SHINDENGEN-MA2810 Datasheet
449Kb / 7P
Power Switching Regulators
MA2820 SHINDENGEN-MA2820 Datasheet
449Kb / 7P
Power Switching Regulators
MA2830 SHINDENGEN-MA2830 Datasheet
450Kb / 7P
Power Switching Regulators
MA4810 SHINDENGEN-MA4810 Datasheet
489Kb / 9P
Power Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com