Electronic Components Datasheet Search
  English  ▼

X  

BYT78 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYT78
Description  Fast Avalanche Sinterglass Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT78 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYT78 Datasheet HTML 1Page - Vishay Siliconix BYT78 Datasheet HTML 2Page - Vishay Siliconix BYT78 Datasheet HTML 3Page - Vishay Siliconix BYT78 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 86034
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Rev. 1.8, 30-Jul-10
BYT77, BYT78
Vishay Semiconductors
Fast Avalanche Sinterglass Diode
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Max. Thermal Resistance vs. Lead Length
Fig. 2 - Junction Temperature vs.
Reverse/Repetitive Peak Reverse Voltage
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Max. Average Forward Current vs. Ambient Temperature
Fig. 5 - Reverse Current vs. Junction Temperature
Fig. 6 - Max Reverse Power Dissipation vs. Junction Temperature
0
10
20
30
40
15
10
5
0
202530
l - Lead Length (mm)
949466
ll
T
L = constant
0
40
80
120
160
200
240
0
200
400
600
800
1000
VR, VRRM - Rev./Rep. Peak Rev. Voltage (V)
949467
V
RRM
V
R
R
thJA = 70 K/W
0.001
0.01
0.1
1
10
100
0
0.5
1.0
1.5
2.0
2.5
VF - Forward Voltage (V)
16370
T
j = 25 °C
T
j = 175 °C
16371
0
20
40
60
80
100 120 140 160 180
Tamb - Ambient Temperature (°C)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
V
R = VRRM
half sinewave
R
thJA = 70 K/W
PCB: d = 25 mm
R
thJA = 25 K/W
I = 10 mm
1
10
100
1000
25
50
75
100
125
150
175
Tj - Junction Temperature (°C)
16372
V
R = VRRM
0
50
250
100
300
150
350
200
400
450
25
50
75
100
125
150
175
Tj - Junction Temperature (°C)
16373
P
R-Limit
at 100 % V
R
P
R-Limit
at 80 % V
R
V
R = VRRM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com