Electronic Components Datasheet Search
  English  ▼

X  

BYX82 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYX82
Description  Standard Avalanche Sinterglass Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYX82 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYX82 Datasheet HTML 1Page - Vishay Siliconix BYX82 Datasheet HTML 2Page - Vishay Siliconix BYX82 Datasheet HTML 3Page - Vishay Siliconix BYX82 Datasheet HTML 4Page - Vishay Siliconix BYX82 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 86052
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Rev. 1.6, 09-Aug-10
BYX82, BYX83, BYX84, BYX85, BYX86
Vishay Semiconductors
Standard Avalanche Sinterglass
Diode
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Max. Thermal Resistance vs. Lead Length
Fig. 2 - Junction Temperature vs.
Reverse/Repetitive Peak Reverse Voltage
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Typ. Diode Capacitance vs. Reverse Voltage
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX
UNIT
Forward voltage
IF = 1 A
VF
-0.9
1
V
Reverse current
VR = VRRM
IR
-0.1
1
μA
VR = VRRM, Tj = 100 °C
IR
-10
25
μA
Diode capacitance
VR = 4 V, f = 1 MHz
CD
-20-
pF
Reverse recovery time
IF = 0.5 A, IR = 1 A, iR = 0.25 A
trr
-2
4
μs
Reverse recovery charge
IF = IR = 1 A, dI/dt = 5 A/μs
Qrr
-3
6
μC
0
0
20
40
60
80
120
l – Lead Length ( mm )
94 9572
510
15
25
30
20
100
ll
TL= constant
0
400
800
1200
0
Reverse / Repetitive Peak Reverse Voltage(V)
1600
94 9579
40
80
120
160
240
200
BYX
85
BYX
86
BYX
84
BYX
82
BYX
83
VR
VRRM
RthJA
≤ 35 K/W
RthJA 57 K/W
RthJA 100 K/W
≤
≤
0
0.6
1.2
1.8
2.4
0.01
0.1
1
10
3.0
94 9573
VF – Forward Voltage(V)
Scattering Limits
Tj =25°C
Tj = 175°C
0
6
12
18
24
30
0.1
1
10
VR – Reverse Voltage(V)
100
94 9574
f = 1 MHz
Tj =25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com