Electronic Components Datasheet Search
  English  ▼

X  

SEN012 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # SEN012
Description  Zero Loss High Voltage Sense Signal Disconnect IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SEN012 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  SEN012 Datasheet HTML 1Page - Power Integrations, Inc. SEN012 Datasheet HTML 2Page - Power Integrations, Inc. SEN012 Datasheet HTML 3Page - Power Integrations, Inc. SEN012 Datasheet HTML 4Page - Power Integrations, Inc. SEN012 Datasheet HTML 5Page - Power Integrations, Inc. SEN012 Datasheet HTML 6Page - Power Integrations, Inc. SEN012 Datasheet HTML 7Page - Power Integrations, Inc. SEN012 Datasheet HTML 8Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. B 11/05/10
2
SEN012-013
www.powerint.com
Figure 3.
SENZero Functional Block Diagram
Figure 4.
Pin Configuration.
Figure 5.
Typical R
DS(ON) as a Function of VCC-VS Voltage.
Figure 6.
Typical R
DS(ON) as a Function of VS Voltage.
Pin Functional Description
SOURCE (S1, S2, S3) Pins :
Internally connect to the SOURCEs of MOSFETs 1, 2 and 3
respectively.
DRAIN (D1, D2, D3) Pins :
Internally connect to the DRAINs of MOSFETs 1, 2 and 3
respectively.
VOLTAGE SUPPLY (VCC) pin
The internal MOSFETs are fully turned on when the VCC pin
voltage is V
CC(ON) (see parameter table) or more greater than their
SOURCE voltage relative to GROUND. VCC pin should be
connected to GROUND to turn the MOSFETs off.
GROUND (G) Pin:
This is the ground reference for all the SENZero pin voltages.
PI-5814-051710
SEN012DG
D Package (SO-8)
SEN013DG
S1
D1
NC
S2
1
2
3
4
8
7
6
5
VCC
G
NC
D2
S1
D1
D2
S2
1
2
3
4
8
7
6
5
VCC
G
D3
S3
PI-5815-012810
DRAIN1 (D1)
DRAIN2 (D2)
DRAIN3 (D3)
GROUND (G)
SUPPLY (VCC)
Gate Drive
and
Protection
SOURCE3 (S3)
SOURCE2 (S2)
SOURCE1 (S1)
STEP
DOWN
4
6
7
11
10
8
5
9
VCC-VS (V)
650
600
550
500
450
400
350
300
VS = 0
VS = 3
VS = 6.5
TJ = 25 °C
0
1
3
4
7
6
2
5
VS (V)
550
500
450
400
350
VCC-VS = 6 V
VCC-VS = 5 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com