Electronic Components Datasheet Search
  English  ▼

X  

LA74308LP Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LA74308LP
Description  Audio Interface for DSC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA74308LP Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LA74308LP Datasheet HTML 7Page - Sanyo Semicon Device LA74308LP Datasheet HTML 8Page - Sanyo Semicon Device LA74308LP Datasheet HTML 9Page - Sanyo Semicon Device LA74308LP Datasheet HTML 10Page - Sanyo Semicon Device LA74308LP Datasheet HTML 11Page - Sanyo Semicon Device LA74308LP Datasheet HTML 12Page - Sanyo Semicon Device LA74308LP Datasheet HTML 13Page - Sanyo Semicon Device LA74308LP Datasheet HTML 14Page - Sanyo Semicon Device LA74308LP Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LA74308LP
No.A0898-11/16
Block Diagram
SPK GND
DATA
T7 (CLOCK)
T6
C.S
T12
REC OUT
VCCSP
T22
3.3V
0.1
μF
0.01
μF
MIC
IN
0.47
μF
0.1
μF
∼
ALC IN
T11
VCCA
∼
6.2k
Ω
+
4.7
μF
A GND
PB IN
LINE OUT
SPK8
Ω
MIC OUT
A
B
T3
STANDBY CTL
Rg=1k
Ω
VREF
∼
BA
Rg=1k
Ω
0.1
μF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
ALC
MUTE
+ -
+
-
EVR
LOGIC
MIC VCC
VREF
DET
VREF
charging circuit
2.2k
Ω
R
R
P
P
REC:50k
Ω/PB:200kΩ
+
0.1
μF
100k
Ω
22k
Ω
2k
Ω
10
Ω
SW10
+
SW14
SW17
+
1
μF
A
B
T2
T17
T21
T23
T5
+9dB
+17dB
+17dB
+18dB
SW16
+8dB
+8dB
T14
T1
T16
SW18
V3
A
B
6.2k
Ω
600
Ω
MUTE CTL
LPF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com