Electronic Components Datasheet Search
  English  ▼

X  

TCST1103 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCST1103
Description  Reflective Optical Sensor with Transistor Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST1103 Datasheet(HTML) 3 Page - Vishay Siliconix

  TCST1103 Datasheet HTML 1Page - Vishay Siliconix TCST1103 Datasheet HTML 2Page - Vishay Siliconix TCST1103 Datasheet HTML 3Page - Vishay Siliconix TCST1103 Datasheet HTML 4Page - Vishay Siliconix TCST1103 Datasheet HTML 5Page - Vishay Siliconix TCST1103 Datasheet HTML 6Page - Vishay Siliconix TCST1103 Datasheet HTML 7Page - Vishay Siliconix TCST1103 Datasheet HTML 8Page - Vishay Siliconix TCST1103 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 83751
For technical questions, contact: sensorstechsupport@vishay.com
www.vishay.com
Rev. 1.7, 17-Aug-09
3
CNY70
Reflective Optical Sensor with
Transistor Output
Vishay Semiconductors
Fig. 2 - Pulse diagram
BASIC CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Relative Current Transfer Ratio vs. Ambient Temperature
Fig. 5 - Collector Current vs. Forward Current
Fig. 6 - Collector Current vs. Collector Emitter Voltage
~~
~
AC
CE
Detector
Emitter
d
Reflecting medium
(Kodak neutral test card)
95 10808
0.1
1
10
100
1000
0
V
F - Forward Voltage (V)
96 11862
1.6
0.2
1.4
1.2
1.0
0.8
0.6
0.4
2.0
1.8
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
96 11913
Tamb - Ambient Temperature (°C)
- 30
V
= 5 V
CE
I
= 20 mA
F
d = 0.3 mm
50
40
30
20
10
0
-10
- 20
80
70
60
0.1
0.001
0.01
0.1
10
IF - Forward Current (mA)
95 11065
1
Kodak neutral card
(white side)
d = 0.3 mm
VCE = 5 V
100
10
1
VCE - Collector Emitter Voltage (V)
95 11066
IF = 50 mA
20 mA
10 mA
5 mA
2 mA
1 mA
0.1
0.001
0.01
0.1
10
1
Kodak neutral card
(white side)
d = 0.3 mm
100
10
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com