Electronic Components Datasheet Search
  English  ▼

X  

LB1830M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1830M
Description  Low-Voltage, Low-Saturation Bidirectional Motor Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1830M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1830M Datasheet HTML 1Page - Sanyo Semicon Device LB1830M Datasheet HTML 2Page - Sanyo Semicon Device LB1830M Datasheet HTML 3Page - Sanyo Semicon Device LB1830M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LB1830M
No.3518-2/4
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC, VS
3.0 to 9.0
V
Input high level voltage
VIH
2.0 to 9.0
V
Input low level voltage
VIL
-0.3 to +0.3
V
Control voltage
VC
1.0 to 6.0
V
Electrical Characteristics at Ta
= 25°C, VCC = 6V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain
ICC0
IN1 = IN2 = Vm = 0V, VC = Vref at standby mode
0.1
10
μA
ICC1
Forward/reverse, control, load OPEN
2
3
mA
ICC2
Forward/reverse, saturation, load OPEN
3
5
mA
ICC3
Braking, load OPEN
5
8
mA
Output saturation voltage
Vsat1
IO = 40mA (upper side + lower side)
0.2
0.3
V
Vsat2
IO = 80mA (upper side + lower side)
0.4
0.6
V
Reference voltage
Vref
IVref = 1mA
1.85
2.0
2.15
V
Voltage characteristics of
output voltage
ΔVO
ΔVCC
VO = 5V, VCC = 5.5 to 9V, IO = 40mA
80
mA
Current characteristics of
output voltage
ΔVO
ΔIO
VO = 5V, VCC = 6V, IO = 10 to 80mA
50
mA
Input current
IIN
VIN= 5V
90
150
μA
Output voltage
VO
VC= 2V
2.3
×VC
2.5
×VC
V
Package Dimensions
unit : mm (typ)
3086B
SANYO : MFP10S(225mil)
1
10
5
6
(0.5)
1.0
0.35
5.0
0.15
-20
0
20
40
60
80
100
0
0.6
0.5
0.3
0.2
0.1
Pd max -- Ta
0.4
0.55
Ambient temperature, Ta --
°C
Independent IC
With specified board
Specified board: 30
×30×1.5mm3
glass epoxy board.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com