Electronic Components Datasheet Search
  English  ▼

X  

LB1845 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1845
Description  PWM Current Controlling Stepping Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1845 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1845 Datasheet HTML 1Page - Sanyo Semicon Device LB1845 Datasheet HTML 2Page - Sanyo Semicon Device LB1845 Datasheet HTML 3Page - Sanyo Semicon Device LB1845 Datasheet HTML 4Page - Sanyo Semicon Device LB1845 Datasheet HTML 5Page - Sanyo Semicon Device LB1845 Datasheet HTML 6Page - Sanyo Semicon Device LB1845 Datasheet HTML 7Page - Sanyo Semicon Device LB1845 Datasheet HTML 8Page - Sanyo Semicon Device LB1845 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LB1845
No.5505-2/9
Recommended Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Motor supply voltage
VBB
10 to 44.5
V
Logic block supply voltage
VCC
4.75 to 5.25
V
Reference voltage
VREF
1.5 to 7.5
V
Electrical Characteristics at Ta = 25
°C, VBB = 38V, VCC = 5V, VREF = 5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
[Output Block]
IBB ON
12
16
Output stage supply current
IBB OFF
0.7
0.9
mA
VO(sat)1
IO = +1.0A Sink
1.2
1.4
VO(sat)2
IO = +1.5A Sink
1.4
1.7
VO(sat)3
IO = -1.0A Source
1.1
1.3
Output saturation voltage 1
VO(sat)4
IO = -1.5A Source
1.3
1.6
V
IO(leak)1
VO = VBB Sink
50
Output leakage current
IO(leak)2
VO = 0V Source
-50
µA
Sustained output voltage
V(sus)
*
45
V
[Logic Block]
ICC ON
I0 = 0.8V, I1 = 0.8V
19.5
25.3
Logic supply current
ICC OFF
I0 = 2.4V, I1 = 2.4V
15.5
20.1
mA
VIH
2.4
Input voltage
VIL
0.8
V
IIH
VIH = 2.4V
10
Input current
IIL
VIL = 0.8V
-10
µA
I0 = 0.8V, I1 = 0.8V
9.5
10
10.5
I0 = 2.4V, I1 = 0.8V
13.5
15
16.5
Current control threshold voltage
VREF/VSENSE
I0 = 0.8V, I1 = 2.4V
25.5
30
34.5
Thermal shutdown temperature
TS
170
°C
* Note: Design guaranteed value.
Package Dimensions
unit: mm (typ)
3147C
SANYO : DIP28H(500mil)
1
14
28
15
0.6
26.75
20.0
R1.7
(1.81)
1.78
1.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com