Electronic Components Datasheet Search
  English  ▼

X  

LB1863M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1863M
Description  Two-Phase Unipolar Brushless Motor Driver Automatic Recovery Type Circuit in a Miniature Flat Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1863M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1863M Datasheet HTML 1Page - Sanyo Semicon Device LB1863M Datasheet HTML 2Page - Sanyo Semicon Device LB1863M Datasheet HTML 3Page - Sanyo Semicon Device LB1863M Datasheet HTML 4Page - Sanyo Semicon Device LB1863M Datasheet HTML 5Page - Sanyo Semicon Device LB1863M Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
No. 4943-2/6
LB1863M, 1869M
Parameter
Symbol
Conditions
Ratings
Unit
Input current range
ICC
6.0 to 50
mA
Common-mode input voltage range
VICM
0 to VIN –1.5
V
Allowable Operating Ranges at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Output voltage 1
VOR
LB1863M
80
V
LB1869M
60
V
Output voltage 2
VO(SUS)
LB1863M : IO = 0.1 A
65
V
LB1869M : IO = 0.1 A
40
V
Output saturation voltage
VO(sat)1 IO = 0.5 A
0.95
1.2
V
VO(sat)2 IO = 1.0 A
1.15
1.5
V
Input voltage
VIN
ICC = 7.0 mA
6.4
6.7
7.0
V
Amplifier input offset voltage
VOFF
–7
0
+7.0
mA
Amplifier input bias current
IBA
–250
nA
RD output saturation voltage
VRD(sat) IRD = 5 mA
0.1
0.3
V
Capacitor discharge current
IC1
2.1
3
3.9
μA
IC2
0.31
0.44
0.59
μA
Comparator input threshold voltage
VTH1
0.77
0.8VIN
0.83
V
VTH2
0.42
0.45VIN
0.48
V
Electrical Characteristics at Ta = 25°C, ICC = 10 mA
Pin Assignment
Parameter
Symbol
Conditions
Ratings
Unit
Maximum input current
ICC max
t
≤ 20 ms
200
mA
Output voltage
VOUT
LB1863M
–0.3 to +85
V
LB1869M
–0.3 to +60
V
Output current
IOUT
1.5
A
RD influx current
IRD
10
mA
RD voltage
VRD
30
V
Allowable power dissipation
Pd max
When mounted (on a 20
× 15 × 1.5-mm3 glass-epoxy printed circuit board)
800
mW
Operating temperature
Topr
–30 to +80
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com