Electronic Components Datasheet Search
  English  ▼

X  

LB1928 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1928
Description  For Office Automation Equipment 3-phase Brushless Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1928 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1928 Datasheet HTML 1Page - Sanyo Semicon Device LB1928 Datasheet HTML 2Page - Sanyo Semicon Device LB1928 Datasheet HTML 3Page - Sanyo Semicon Device LB1928 Datasheet HTML 4Page - Sanyo Semicon Device LB1928 Datasheet HTML 5Page - Sanyo Semicon Device LB1928 Datasheet HTML 6Page - Sanyo Semicon Device LB1928 Datasheet HTML 7Page - Sanyo Semicon Device LB1928 Datasheet HTML 8Page - Sanyo Semicon Device LB1928 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LB1928
No.6197-3/11
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Speed discriminator
Output High level voltage
VOH (D)
IDO = -0.1mA
VREG-1.0
VREG-0.7
V
Output Low level voltage
VOL (D)
IDO = 0.1mA
0.8
1.1
V
Count number
512
PLL output
Output High level voltage
VOH (P)
IPO = -0.1mA
VREG-1.8
VREG-1.5
VREG-1.2
V
Output Low level voltage
VOL (P)
IPO = 0.1mA
1.2
1.5
1.8
V
Lock detection
Output Low level voltage
VOL (LD)
ILD = 10mA
0.15
0.5
V
Lock range
6.25
%
Integrator
Input bias current
IB (INT)
-0.4
+0.4
µA
Output High level voltage
VOH (INT)
IINTO = -0.2mA
VREG-1.2
VREG-0.8
V
Output Low level voltage
VOL (INT)
IINTO = 0.2mA
0.8
1.2
V
Open-loop gain
f (INT) = 1kHZ
45
51
dB
Gain bandwidth product
Design target value
450
kHz
Reference voltage
Design target value
-5%
VREG/2
5%
V
Crystal oscillator
Operating frequency range
fOSC
3
10
MHz
Low level pin voltage
VOSCL
IOSC = -0.5mA
1.65
V
High level pin current
IOSCH
VOSC = VOSCL+0.3V
0.4
mA
Start/stop pin
High level input voltage range
VIH (S/S)
3.5
VREG
V
Low level input voltage range
VIL (S/S)
0
1.5
V
Input open voltage
VIO (S/S)
VREG-0.5
VREG
V
Hysteresis width
∆VIN
0.35
0.50
0.65
V
High level input current
IIH (S/S)
V (S/S) = VREG
-10
0
10
µA
Low level input current
IIL (S/S)
V (S/S) = 0V
-280
-210
µA
Forward/reverse pin
High level input voltage range
VIH (F/R)
3.5
VREG
V
Low level input voltage range
VIL (F/R)
0
1.5
V
Input open voltage
VIO (F/R)
VREG-0.5
VREG
V
Hysteresis width
∆VIN
0.35
0.50
0.65
V
High level input current
IIH (F/R)
V (F/R) = VREG
-10
0
+10
µA
Low level input current
IIL (F/R)
V (F/R) = 0V
-280
-210
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com