Electronic Components Datasheet Search
  English  ▼

X  

LB1980H Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1980H
Description  For VCR Capstan Motors 3-Phase Brushless Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1980H Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1980H Datasheet HTML 1Page - Sanyo Semicon Device LB1980H Datasheet HTML 2Page - Sanyo Semicon Device LB1980H Datasheet HTML 3Page - Sanyo Semicon Device LB1980H Datasheet HTML 4Page - Sanyo Semicon Device LB1980H Datasheet HTML 5Page - Sanyo Semicon Device LB1980H Datasheet HTML 6Page - Sanyo Semicon Device LB1980H Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LB1980H
No.5974-2/7
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VS
5 to 22
V
Supply voltage
VCC
4.5 to 5.5
V
Hall input amplitude
VHALL
Between the hall inputs
±30 to ±80
mVo-p
GSENSE pin input range
VGSENSE
With respect to the control system ground
-0.20 to +0.20
V
Electrical Characteristics at Ta
= 25°C, VCC = 5V,VS = 15V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
VCC supply current
ICC
RL=∞, VCTL=0V, VLIM=0V (Quiescent)
12
18
mA
Outputs
VO sat1
IO=500mA, Rf=0.5Ω, Sink+Source
VCTL=VLIM=5V(With saturation prevention)
2.1
2.6
V
Output saturation voltage
VO sat2
IO=1.0mA, Rf=0.5Ω, Sink+Source
VCTL=VLIM=5V(With saturation prevention)
2.6
3.5
V
Output leakage current
IO leak
1.0
mA
FR
FR pin input threshold voltage
VFSR
2.25
2.50
2.75
V
FR pin input bias current
IB(FSR)
-5.0
mA
Control
CTLREF pin voltage
VCREF
2.05
2.15
2.25
V
CTLREF pin input range
VCREFIN
1.50
3.50
V
CTL pin input bias current
IB(CTL)
With VCTL=5V and the CTLREF pin open
4.0
µA
CTL pin control start voltage
VCTL(ST)
With Rf=0.5
Ω, VLIM=5V, IO≥10mA,
Hall input logic fixed (U, V, W=H, H, L)
2.00
2.15
2.30
V
CTL pin control Gm
Gm(CTL)
With Rf=0.5
Ω, ∆IO=200mA,
Hall input logic fixed (U, V, W=H, H, L)
0.46
0.58
0.70
A / V
Current Limiter
LIM current limit offset voltage
Voff(LIM)
With Rf=0.5
Ω, VCTL=5V, IO≥10mA,
Hall input logic fixed (U, V, W=H, H, L)
140
200
260
mV
LIM pin input bias current
IB(LIM)
With VCTL=5V and the VCREF pin open
-2.5
µA
LIM pin current control level
ILIM
With Rf=0.5
Ω, VCTL=5V, VLIM=2.06V
Hall input logic fixed (U, V, W=H, H, L)
830
900
970
mA
Hall Amplifier
Hall amplifier input offset voltage
Voff(HALL)
-6
+6
mA
Hall amplifier input bias current
IB(HALL)
1.0
3.0
µA
Hall amplifier common-mode
input voltage range
VCM(HALL)
1.3
3.3
V
TRC
Torque ripple correction ratio
TRC
For the high and low peaks in the
Rf waveform when IO=200mA.
(Rf=0.5
Ω, with the ADJ pin open) *1
9
%
ADJ pin voltage
VADJ
2.37
2.50
2.63
V
FG Amplifier
FG amplifier input offset voltage
Voff(FG)
-8
+8
mV
FG amplifier input bias current
IB(FG)
-100
nA
FG amplifier output saturation
voltage
VO sat (FG)
Sink side, for the load provided by the internal
pull-up resistor
0.5
V
FG amplifier voltage gain
VG(FG)
For the open loop state with f=10kHz
41.5
44.5
47.5
dB
FG amplifier common-mode
input voltage
VGM(FG)
0.5
4.0
V
Saturation
Saturation prevention circuit
lower side voltage setting
VO sat(DET)
The voltages between each OUT and
Rf pair when IO=10mA, Rf=0.5Ω, and
VCTL=VLIM=5V
0.175
0.25
0.325
V
TSD
TSD operating temperature
TSD
Design target value *2
180
°C
Hysteresis width
∆TSD
Design target value *2
20
°C
Notes : *1. The torque ripple correction ratio is determined as follows from the Rf voltage waveform.
*2. Parameters that are indicated as design target values in the conditions column are not tested.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com