Electronic Components Datasheet Search
  English  ▼

X  

LB8649FN Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB8649FN
Description  Motor Driver for DSCs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8649FN Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB8649FN Datasheet HTML 1Page - Sanyo Semicon Device LB8649FN Datasheet HTML 2Page - Sanyo Semicon Device LB8649FN Datasheet HTML 3Page - Sanyo Semicon Device LB8649FN Datasheet HTML 4Page - Sanyo Semicon Device LB8649FN Datasheet HTML 5Page - Sanyo Semicon Device LB8649FN Datasheet HTML 6Page - Sanyo Semicon Device LB8649FN Datasheet HTML 7Page - Sanyo Semicon Device LB8649FN Datasheet HTML 8Page - Sanyo Semicon Device LB8649FN Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
31208 TI IM B8-6248, 6568 / 92706 / 82504 JO IM No.7893-1/9
LB8649FN
Feature
• Actuator drivers for digital cameras embedded in one chip.
1. Constant current output car stepping motor for SH/AE or VCM × 2
2. Constant voltage output car stepping motor for ZOOM or DC motor driver
(Normal rotation/Reverse rotation/Brake)
3. Constant voltage output car stepping motor for AF
• No standby current consumption (or zero). (Direct battery connection possible.)
• 4 systems for independent power supply (SH/AE, AF, ZOOM or input logic system)
• Low voltage driving (Driving by two nickel hydride batteries possible)
• Built-in thermal protection circuitry
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VB max
VB power supply
10.5
Max. Power Source Voltage
VCC max
VCC power supply
10.5
V
Max. Input Applied Voltage
VIN max
10.5
V
Max. Output Applied Voltage
VOUT max
10.5
V
Max. Output Current
IO max
per CH
600
mA
Allowable Power Consumption
Pd max
Circuit board mounting (*1)
1.0
W
Operating Temperature
Topr
-20 to +80
°C
Storage Temperature
Tstg
-55 to +150
°C
(*1) Mounting circuit board : 50.0mm × 50.0mm × 0.8mm glass epoxy resin
Ordering number : EN7893B
Monolithic Digital IC
Motor Driver for DSCs
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - LB8649FN

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8649FN SANYO-LB8649FN Datasheet
234Kb / 9P
Monolithic Digital IC Motor Driver for DSCs
More results

Similar Description - LB8649FN

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61018GP MITSUBISHI-M61018GP Datasheet
46Kb / 8P
MOTOR DRIVER FOR CAMERA
logo
Toshiba Semiconductor
TA8300F TOSHIBA-TA8300F Datasheet
128Kb / 4P
MOTOR DRIVER FOR CAMERA
TA8302F TOSHIBA-TA8302F Datasheet
133Kb / 4P
MOTOR DRIVER FOR CAMERA
TA8303F TOSHIBA-TA8303F Datasheet
134Kb / 4P
MOTOR DRIVER FOR CAMERA
TA8304F TOSHIBA-TA8304F Datasheet
133Kb / 4P
MOTOR DRIVER FOR CAMERA
TA8312F TOSHIBA-TA8312F Datasheet
110Kb / 3P
MOTOR DRIVER FOR CAMERA
logo
Samsung semiconductor
KA8301 SAMSUNG-KA8301 Datasheet
206Kb / 7P
MOTOR DRIVER FOR VTR
logo
Daewoo Semiconductor
DBL2084N DAEWOO-DBL2084N Datasheet
189Kb / 5P
MOTOR DRIVER FOR VTR
logo
Sanyo Semicon Device
LB8649FN SANYO-LB8649FN Datasheet
234Kb / 9P
Monolithic Digital IC Motor Driver for DSCs
logo
Renesas Technology Corp
M61018GP RENESAS-M61018GP Datasheet
305Kb / 18P
MOTOR DRIVER FOR CAMERA
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com