Electronic Components Datasheet Search
  English  ▼

X  

DG407 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # DG407
Description  16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG407 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button DG407 Datasheet HTML 8Page - Vishay Siliconix DG407 Datasheet HTML 9Page - Vishay Siliconix DG407 Datasheet HTML 10Page - Vishay Siliconix DG407 Datasheet HTML 11Page - Vishay Siliconix DG407 Datasheet HTML 12Page - Vishay Siliconix DG407 Datasheet HTML 13Page - Vishay Siliconix DG407 Datasheet HTML 14Page - Vishay Siliconix DG407 Datasheet HTML 15Page - Vishay Siliconix DG407 Datasheet HTML 16Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 01-Aug-11
1
Document Number: 71268
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SOIC (WIDE-BODY): 28-LEADS
ECN: E11-2209-Rev. D, 01-Aug-11
DWG: 5850
0.3525
0.001
0.06
0.002D
CAVITY NO.
0.295
0.001
0.070
0.005
0.1475
0.001
0.055
0.005
PIN 1 INDICATOR
0.047
0.007
0.001 dp
SURFACE POLISHED
0.010
0.334
0.005
R0.004
R0.008
R0.009
R0.004
0.032
0.005
4
° 2°
0.041
0.001
0.705
0.001
0.091
0.001
0.017
0.0003
0.050 TYP.
0.00825 ± 0.00325
0.098
0.002
0.334
0.005
0.291
0.001
0.295
0.001
0.406
0.004
R0.004
7
°(4 )
0.020
45
°
DETAIL A
DETAIL A
1
2
345678
28 27
26
25
24
23
22
21
910
20
19
11
18
12
17
13
16
14
15
All Dimensions In Inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com