Electronic Components Datasheet Search
  English  ▼

X  

LB11908 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LB11908
Description  For OA Products Three-Phase Brushless Motor Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11908 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LB11908 Datasheet HTML 2Page - Sanyo Semicon Device LB11908 Datasheet HTML 3Page - Sanyo Semicon Device LB11908 Datasheet HTML 4Page - Sanyo Semicon Device LB11908 Datasheet HTML 5Page - Sanyo Semicon Device LB11908 Datasheet HTML 6Page - Sanyo Semicon Device LB11908 Datasheet HTML 7Page - Sanyo Semicon Device LB11908 Datasheet HTML 8Page - Sanyo Semicon Device LB11908 Datasheet HTML 9Page - Sanyo Semicon Device LB11908 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LB11920
No.7229-6/10
Pin Functions
Pin No.
Pin name
Function
Equivalent circuit
28
1
2
OUT1
OUT2
OUT3
Motor drive output pin.
3, 26
GND2
Output GND pin.
5, 25
VM
Power pin.
6, 24
RF
Output Tr power and output current detector pins,
which connect low resistance (Rf) to VM.
The output current is limited to the current value
set with IOUT = VRF/Rf.
300
Ω
RF
VM
5 25
6 24
1
2 28
3 26
7
HP
Hall element signal three-phase composite
output. Withstand voltage 35V max.
VCC
7
8
BR
Brake input pin.
“L” for brake and “H” or open for normal rotation.
VCC
3.5k
Ω
8
9
PWMIN
PWM pulse input pin.
L for output drive and H or open for output OFF.
VCC
3.5k
Ω
9
10
F/R
Forward/reverse input pin.
VCC
3.5k
Ω
10
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com