Electronic Components Datasheet Search
  English  ▼

X  

DG409LDY-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG409LDY-E3
Description  Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG409LDY-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG409LDY-E3 Datasheet HTML 1Page - Vishay Siliconix DG409LDY-E3 Datasheet HTML 2Page - Vishay Siliconix DG409LDY-E3 Datasheet HTML 3Page - Vishay Siliconix DG409LDY-E3 Datasheet HTML 4Page - Vishay Siliconix DG409LDY-E3 Datasheet HTML 5Page - Vishay Siliconix DG409LDY-E3 Datasheet HTML 6Page - Vishay Siliconix DG409LDY-E3 Datasheet HTML 7Page - Vishay Siliconix DG409LDY-E3 Datasheet HTML 8Page - Vishay Siliconix DG409LDY-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Document Number: 71342
S11-1066-Rev. G, 30-May-11
www.vishay.com
3
Vishay Siliconix
DG408L, DG409L
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Leakage parameters are guaranteed by worst case test condition and not subject to production test.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g.
RDS(on) = RDS(on) Max - RDS(on) Min.
h. Worst case isolation occurs on Channel 4 do to proximity to the drain pin.
i. RDS(on) flatness is measured as the difference between the minimum and maximum measured values across a defined Analog signal.
SPECIFICATIONS (Single Supply 12 V)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 12 V, ± 10 %
, V- = 0 V
VEN = 0.8 V or 2.4 V
f
Temp.b
Typ.d
A Suffix
- 55 °C to 125 °C
D Suffix
- 40 °C to 85 °C
Unit
Min.c
Max.c
Min.c
Max.c
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
12
0
12
V
Drain-Source
On-Resistance
RDS(on)
VD = 10.8 V, VD = 2 V or 9 V, IS = 10 mA
sequence each switch on
Room
Full
17
29
38
29
35
RDS(on) Matching
Between Channelsg
RDS
VD = 10.8 V, VD = 2 V or 9 V
IS = 10 mA
Room
1
3
3
On-Resistance Flatnessi
RFLAT(on)
Room
3
7
7
Switch Off Leakage
Current
IS(off)
VEN = 0 V, VD = 11 V or 1 V
VS = 1 V or 11 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
nA
ID(off)
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Channel On Leakage
Current
ID(on)
VS = VD = 1 V or 11 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Digital Control
Logic High Input Voltage
VINH
Full
2.4
2.4
V
Logic Low Input Voltage
VINL
Full
0.8
0.8
Input Current
IIN
VAX = VEN = 2.4 V or 0.8 V
Full
- 1.5
1.5
- 1
1
µA
Dynamic Characteristics
Transition Time
tTRANS
VS1 = 8 V, VS8 = 0 V, (DG408L)
VS1b = 8 V, VS4b = 0 V, (DG409L)
see figure 2
Room
Full
30
60
68
60
65
ns
Break-Before-Make Time
tOPEN
VS(all) = VDA = 5 V
see figure 4
Room
Full
11
1
1
Enable Turn-On Time
tON(EN)
VAX = 0 V, VS1 = 5 V (DG408L)
VAX = 0 V, VS1b = 5 V (DG409L)
see figure 3
Room
Full
38
55
60
55
60
Enable Turn-Off Time
tOFF(EN)
Room
Full
18
25
35
25
30
Charge Injectione
Q
CL = 1 nF, VGEN = 0 V, RGEN = 0 
Room
1
5
5
pC
Off Isolatione, h
OIRR
f = 100 kHz, RL = 1 k
Room
- 70
dB
Crosstalke
XTALK
Room
- 82
Source Off Capacitancee
CS(off)
f = 1 MHz, VS = 0 V, VEN = 0 V
Room
7
pF
Drain Off Capacitancee
CD(off)
f = 1 MHz, VD = 2.4 V, VEN = 0 V
Room
20
Drain On Capacitancee
CD(on)
f = 1 MHz, VD = 0 V, VEN = 2.4 V
(DG409L only)
Room
31
Power Supplies
Power Supply Range
V+
3
12
3
12
V
Power Supply Current
I+
VEN = VA = 0 V or 5 V
Room
0.2
0.7
0.7
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com