Electronic Components Datasheet Search
  English  ▼

X  

DG447 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG447
Description  Low Power, High Voltage SPST Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG447 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG447 Datasheet HTML 1Page - Vishay Siliconix DG447 Datasheet HTML 2Page - Vishay Siliconix DG447 Datasheet HTML 3Page - Vishay Siliconix DG447 Datasheet HTML 4Page - Vishay Siliconix DG447 Datasheet HTML 5Page - Vishay Siliconix DG447 Datasheet HTML 6Page - Vishay Siliconix DG447 Datasheet HTML 7Page - Vishay Siliconix DG447 Datasheet HTML 8Page - Vishay Siliconix DG447 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Vishay Siliconix
DG447, DG448
www.vishay.com
2
Document Number: 73854
S11-1336-Rev. D, 04-Jul-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Signals on NO, NC, COM, or IN exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 7 mW/°C above 70 °C.
ORDERING INFORMATION
Temp. Range
Package
Part Number
DG447, DG448
- 40 °C to 85 °C
6-pin TSOP
DG447DV-T1-E3
DG448DV-T1-E3
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter Referenced to V-
Limit
Unit
V+
44
V
GND
25
Digital Inputsa, Vno/nc, VCOM
(V-) - 2 V to (V+) + 2 V
or 30 mA, whichever occurs first
Current , (Any Terminal) Continuous
30
mA
Current (NO or NC or COM) Pulsed at 1 ms, 10 % Duty Cycle
100
Storage Temperature
- 65 to 150
°C
Power Dissipation (Package)b
6-pin TSOPc
570
mW
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V- = - 15 V
VIN = 2.4 V, 0.8 V
f
Temp.b
D Suffix
- 40 °C to 85 °C
Unit
Min.d
Typ.c
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 15
15
V
Drain-Source
On-Resistance
RON
Ino/nc = 10 mA, VCOM = 10 V
V+ = 13.5 V, V- = - 13.5 V
Room
Full
17
25
30
On-Resistance Flatness
RON
Flatness
Ino/nc = 10 mA, VCOM = ± 5 V, 0 V
V+ = 13.5 V, V- = - 13.5 V
Room
Full
0.8
2.2
3
Switch Off Leakage Current
Ino/nc(off)
V+ = 16.5, V- = - 16.5 V
VCOM = ± 15.5 V
Vno/nc = -/+ 15.5 V
Room
Full
- 1
- 10
- 0.1
1
10
nA
ICOM(off)
Room
Full
- 1
- 10
- 0.1
1
10
Channel On Leakage Current
ICOM(on)
V+ = 16.5 V, V- = - 16.5
VCOM = Vno/nc = ± 15.5 V
Room
Full
- 1
- 10
- 0.1
1
10
Digital Control
Input, High Voltage
IINH
Full
2.4
V
Input, Low Voltage
IINL
Full
0.8
Input Capacitancee
CIN
Room
5
pF
Input Current
IIN
V
IN = 0 or 5 V
- 1
1
µA
Dynamic Characteristics
Turn-On Time
tON
RL = 300 , CL = 35 pF
Vno/nc = ± 10 V
Room
Full
100
130
140
ns
Turn-Off Time
tOFF
Room
Full
50
95
110
Charge Injectione
QCL = 10 nF, Vgen = 0 V, Rgen = 0 
Room
10
pC
Off-Isolatione
OIRR
CL= 5 pF, RL = 50 , f = 1 MHz
Room
- 72
dB
Source Off Capacitancee
CS(off)
f = 1 MHz
Room
19
pF
Drain Off Capacitancee
CD(off)
Room
8
Channel On Capacitancee
CD(on)
f = 1 MHz
Room
30
Power Supplies
Positive Supply Current
I+
V+ = 16.5 V, V- = - 16.5 V
VIN = 0 or 5 V
Room
Full
16
30
50
µA
Negative Supply Current
I-
Room
Full
- 1
- 10
- 0.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com