Electronic Components Datasheet Search
  English  ▼

X  

DG413LDY Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG413LDY
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG413LDY Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG413LDY Datasheet HTML 3Page - Vishay Siliconix DG413LDY Datasheet HTML 4Page - Vishay Siliconix DG413LDY Datasheet HTML 5Page - Vishay Siliconix DG413LDY Datasheet HTML 6Page - Vishay Siliconix DG413LDY Datasheet HTML 7Page - Vishay Siliconix DG413LDY Datasheet HTML 8Page - Vishay Siliconix DG413LDY Datasheet HTML 9Page - Vishay Siliconix DG413LDY Datasheet HTML 10Page - Vishay Siliconix DG413LDY Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Document Number: 71397
S11-0179-Rev. F, 07-Feb-11
www.vishay.com
7
Vishay Siliconix
DG411L, DG412L, DG413L
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RDS(on) vs. Drain Voltage (Single Supply)
RDS(on) vs. Drain Voltage and Temperature
(Dual Supply)
Leakage Current vs. Analog Voltage (Dual Supply)
0
20
40
60
80
100
03
69
12
VCC = 2.7 V
Drain Voltage (V)
VCC = 4.5 V
VCC = 12 V
0
7
14
21
28
35
- 5- 3- 1
1
3
5
Drain Voltage (V)
V± = ± 5 V
A = 125 °C
B = 85 °C
C = 25 °C
D = - 40 °C
E = - 55 °C
- 3 0
- 2 0
- 10
0
10
20
30
- 5- 3- 1
1
3
5
VD or VS - Drain-Source Voltage
V+ = 5 V
V- = - 5 V
ID(on)
ID(off)
IS(off)
RDS(on) vs. Drain Voltage and Temperature
(Single Supply)
Supply Current vs. Temperature
Switching Time vs. Single Supply
B
Drain Voltage (V)
A
D
0
10
20
30
40
50
012345
C
E
A = 125 °C
B = 85 °C
C = 25 °C
D = - 40 °C
E = - 55 °C
V+ = 5 V
V- = 0 V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
- 50
- 25
0
25
50
75
100
125
150
Temperature (°C)
V+ = 5 V
V- = 0 V
0
10
20
30
40
50
0369
12
15
V+ - Positive Supply Voltage (V)
tON
tOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com