Electronic Components Datasheet Search
  English  ▼

X  

DG413LDY-T1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG413LDY-T1
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG413LDY-T1 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG413LDY-T1 Datasheet HTML 1Page - Vishay Siliconix DG413LDY-T1 Datasheet HTML 2Page - Vishay Siliconix DG413LDY-T1 Datasheet HTML 3Page - Vishay Siliconix DG413LDY-T1 Datasheet HTML 4Page - Vishay Siliconix DG413LDY-T1 Datasheet HTML 5Page - Vishay Siliconix DG413LDY-T1 Datasheet HTML 6Page - Vishay Siliconix DG413LDY-T1 Datasheet HTML 7Page - Vishay Siliconix DG413LDY-T1 Datasheet HTML 8Page - Vishay Siliconix DG413LDY-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.vishay.com
2
Document Number: 71397
S11-0179-Rev. F, 07-Feb-11
Vishay Siliconix
DG411L, DG412L, DG413L
Notes:
a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 7 mW/°C above 75 °C
d. Derate 7.6 mW/°C above 75 °C
e. Derate 12 mW/°C above 75 °C.
ORDERING INFORMATION
Temp. Range
Package
Part Number
DG411L, DG412L
- 40 °C to 85 °C
16-Pin Narrow SOIC
DG411LDY
DG411LDY-E3
DG411LDY-T1
DG411LDY-T1-E3
DG412LDY
DG412LDY-E3
DG412LDY-T1
DG412LDY-T1-E3
16-Pin TSSOP
DG411LDQ
DG411LDQ-E3
DG411LDQ-T1
DG411LDQ-T1-E3
DG412LDQ
DG412LDQ-E3
DG412LDQ-T1
DG412LDQ-T1-E3
DG413L
- 40 °C to 85 °C
16-Pin Narrow SOIC
DG413LDY
DG413LDY-E3
DG413LDY-T1
DG413LDY-T1-E3
16-Pin TSSOP
DG413LDQ
DG413LDQ-E3
DG413LDQ-T1
DG413LDQ-T1-E3
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
V+ to V-
- 0.3 to 13
V
GND to V-
7
VL
(GND - 0.3) to (V+) + 0.3
IN
a, V
S, VD
- 0.3 to (V+) + 0.3
or 30 mA, whichever occurs first
Continuous Current (Any terminal)
30
mA
Peak Current, S or D (Pulsed 1 ms, 10 % duty cycle)
100
Storage Temperature
(DQ, DY Suffix)
- 65 to 125
°C
(AK Suffix)
- 65 to 150
Power Dissipation (Packages)b
16-Pin TSSOPc
450
mW
16-Pin SOICd
650
16-Pin CerDIPe
900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com