Electronic Components Datasheet Search
  English  ▼

X  

S1VB60 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # S1VB60
Description  General Purpose Rectifiers(600V 1A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S1VB60 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  S1VB60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S1VB60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S1VB60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S1VB60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S1VB60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S1VB60
600V 1A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
(Unit : mm)
RATINGS
Case : 1V
SHINDENGEN
● Switching power supply
● Home Appliance,Office Equipment
● Telecommunication,Factory automation
APPLICATION
● Small Single In-Line(:SIL)Package
● High IFSM
● Applicable to Automatic Insertion
FEATURES
General Purpose Rectifiers
SIL Bridges
●Absolute Maximum Ratings (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
600
V
Average Rectified Forward Current
IO
50Hz sine wave,R-load, On glass-epoxy substrate Ta=25℃
1
A
Peak Surge Forward Current
IFSM
50Hz sine wave,Non-repetitive 1cycle peak value, Tj=25℃
30
A
Current Squared Time
I
2t
1ms≦t<10ms Tj=25℃
4.5
A
2s
●Electrical Characteristics (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=0.5A, Pulse measurement,Rating of per diode
Max.1.05
V
Reverse Current
IR
V
R=VRM,
Pulse measurement,Rating of per diode
Max.10
μA
Thermal Resistance
θjl
junction to lead
Max.16
℃/W
θja
junction to ambient
Max.62


Similar Part No. - S1VB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S1VB20 SHINDENGEN-S1VB20 Datasheet
319Kb / 5P
General Purpose Rectifiers(200V 1A)
S1VB80 SHINDENGEN-S1VB80 Datasheet
319Kb / 5P
General Purpose Rectifiers(800V 1A)
S1VBA20 SHINDENGEN-S1VBA20 Datasheet
271Kb / 5P
General Purpose Rectifiers(200V 1A)
S1VBA60 SHINDENGEN-S1VBA60 Datasheet
271Kb / 5P
General Purpose Rectifiers(600V 1A)
logo
Infineon Technologies A...
S1VBA60 INFINEON-S1VBA60 Datasheet
2Mb / 25P
12W 5V SMPS evaluation board with ICE3AR4780VJZ
Revision 1.2, 2015-05-12
More results

Similar Description - S1VB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1F60 SHINDENGEN-D1F60 Datasheet
322Kb / 6P
General Purpose Rectifiers(600V 1A)
D1N60 SHINDENGEN-D1N60 Datasheet
300Kb / 5P
General Purpose Rectifiers(600V 1A)
M1F60 SHINDENGEN-M1F60 Datasheet
283Kb / 6P
General Purpose Rectifiers(600V 1A)
M1F80 SHINDENGEN-M1F80 Datasheet
283Kb / 6P
General Purpose Rectifiers(800V 1A)
S1NB80 SHINDENGEN-S1NB80 Datasheet
271Kb / 5P
General Purpose Rectifiers(800V 1A)
S1VB20 SHINDENGEN-S1VB20 Datasheet
319Kb / 5P
General Purpose Rectifiers(200V 1A)
S1VBA60 SHINDENGEN-S1VBA60 Datasheet
271Kb / 5P
General Purpose Rectifiers(600V 1A)
S1WB60 SHINDENGEN-S1WB60 Datasheet
279Kb / 5P
General Purpose Rectifiers(600V 1A)
S1WB60B SHINDENGEN-S1WB60B Datasheet
305Kb / 5P
General Purpose Rectifiers(600V 1A)
S1NB60 SHINDENGEN-S1NB60 Datasheet
160Kb / 5P
General Purpose Rectifiers(600V 1A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com