Electronic Components Datasheet Search
  English  ▼

X  

HT7A4016 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7A4016
Description  Low Power, Wide Temperature Range General Purpose Current Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7A4016 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7A4016 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7A4016 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7A4016 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7A4016 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7A4016 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7A4016 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7A4016 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7A4016 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7A4016 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Rev. 1.00
2
November 07, 2011
HT7A4016
Block Diagram
Pin Assignment
32V
UVLO
14V / 8V
Internal Bias
& Vref
Trimmed
OSC
OCP Output
LEB
350ns
S
R
Q
Driver
Stage
VREF
VCC
GD
GND
VCC
RT
COMP/FB
CS
MF
OCP Level = 1V
FB Compare
Level = 2.5V
Slope
Compensation
3
6
7
2
1
4
5
Mixed-Mode/Analog
Interface
Pin Description
Pin No.
Pin Name
Description
1
COMP/FB Voltage Feedback Pin, Connected to a system voltage feedback point.
2
MF
Multi-Function Pin. By connecting this pin to different system sensing points, the device
can be used for different circuit topologies such as Isolation Flyback or Non-Isolation DC-
DC Buck/Boost.
3
CS
A voltage proportional to the inductor current is connected to this input. The PWM
generator uses this voltage to terminate output switching.
4
RT
The oscillator frequency is programmed by connecting a resistor, RT, between this pin and
ground. A maximum frequency of 500kHz is possible.
5
GND
Combined control circuitry and power ground.
6
GD
Power MOSFET gate driver output.
7
VCC
Positive Supply.
8
VREF
Temperature-independent voltage reference output.
Absolute Maximum Ratings
SupplyVoltageVCC................................................................................................................................ -0.3V~30.0V
COMP/FB,RT,CS,MFPins..................................................................................................................... -0.3V~5.0V
JunctionTemperature.......................................................................................................................................... 150°C
OperatingAmbientTemperature............................................................................................................... -40°C~85°C
StorageTemperatureRange.................................................................................................................... -65°C~150°C
PackageThermalResistance(8-PinSOP)..................................................................................................... 160°C/W
ESDProtection:
HumanBodyModel.......................................................................................................................................3kV
MachineModel............................................................................................................................................200V
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“AbsoluteMaximumRatings”
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.
1
2
3
4
8
7
6
5
CO MP /F B
MF
CS
RT
VR EF
VC C
GD
GN D
HT 7A 4016
8 SO P- A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com