Electronic Components Datasheet Search
  English  ▼

X  

LC87BK08A Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC87BK08A
Description  8-bit 1-chip Microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87BK08A Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC87BK08A Datasheet HTML 17Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 18Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 19Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 20Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 21Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 22Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 23Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 24Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 25Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
LC87BK08A/06A/04A
No.A1984-21/27
Continued from preceding page.
Specification
Parameter
Symbol
Pin/
remarks
Conditions
VDD[V]
min
typ
max
unit
2.7 to 5.5
0.92
1.6
IDDHALT(7)
• HALT mode
• FsX’tal=32.768kHz crystal oscillation mode
• Internal low speed and medium speed RC
oscillation stopped.
• System clock set to 8MHz with
frequency variable RC oscillation
• 1/1 frequency division ratio
2.7 to 3.6
0.66
1.1
mA
2.7 to 5.5
15
68
IDDHALT(8)
• HALT mode
• External FsX’tal and FmCF oscillation stopped.
• System clock set to internal low speed RC
oscillation.
• Internal medium speed RC oscillation stopped.
• Frequency variable RC oscillation stopped.
• 1/1 frequency division ratio
2.7 to 3.6
9.0
35
5.0
15
39
IDDHALT(9)
• HALT mode
• External FsX’tal and FmCF oscillation stopped.
• System clock set to internal low speed RC
oscillation.
• Internal medium speed RC oscillation stopped.
• Frequency variable RC oscillation stopped.
• 1/1 frequency division ratio
• Ta=-10 to +50°C
3.3
9.0
23
2.7 to 5.5
20
85
IDDHALT(10)
• HALT mode
• FsX’tal=32.768kHz crystal oscillation mode
• System clock set to 32.768kHz side
• Internal low speed and medium speed RC
oscillation stopped.
• Frequency variable RC oscillation stopped.
• 1/2 frequency division ratio
2.7 to 3.6
5.6
30
5.0
20
51
HALT mode
consumption
current
(Note 9-1)
(Note 9-2)
IDDHALT(11)
• HALT mode
• FsX’tal=32.768kHz crystal oscillation mode
• System clock set to 32.768kHz side
• Internal low speed and medium speed RC
oscillation stopped.
• Frequency variable RC oscillation stopped.
• 1/2 frequency division ratio
• Ta=-10 to +50°C
3.3
5.6
17
2.7 to 5.5
0.012
20
IDDHOLD(1)
HOLD mode
• CF1=VDD or open (External clock mode)
2.7 to 3.6
0.008
8.0
5.0
0.012
1.2
IDDHOLD(2)
HOLD mode
• CF1=VDD or open (External clock mode)
• Ta=-10 to +50°C
3.3
0.008
0.59
2.7 to 5.5
2.0
23
IDDHOLD(3)
HOLD mode
• CF1=VDD or open (External clock mode)
• LVD option selected
2.7 to 3.6
1.6
10
5.0
2.0
3.8
HOLD mode
consumption
current
(Note 9-1)
(Note 9-2)
IDDHOLD(4)
HOLD mode
• CF1=VDD or open (External clock mode)
• Ta=-10 to +50°C
• LVD option selected
3.3
1.6
2.8
2.7 to 5.5
16
70
IDDHOLD(5)
Timer HOLD mode
• FsX’tal=32.768 kHz crystal oscillation mode
2.7 to 3.6
4.2
25
5.0
16
42
Timer HOLD
mode
consumption
current
(Note 9-1)
(Note 9-2)
IDDHOLD(6)
VDD1
Timer HOLD mode
• FsX’tal=32.768kHz crystal oscillation mode
• Ta=-10 to +50°C
3.3
4.2
11
μA
Note9-1: Values of the consumption current do not include current that flows into the output transistors and internal
pull-up resistors.
Note9-2: The consumption current values do not include operational current of LVD function if not specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com