Electronic Components Datasheet Search
  English  ▼

X  

DG449 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG449
Description  High Voltage Single SPDT Analog Switch in SOT23-8
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG449 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG449 Datasheet HTML 1Page - Vishay Siliconix DG449 Datasheet HTML 2Page - Vishay Siliconix DG449 Datasheet HTML 3Page - Vishay Siliconix DG449 Datasheet HTML 4Page - Vishay Siliconix DG449 Datasheet HTML 5Page - Vishay Siliconix DG449 Datasheet HTML 6Page - Vishay Siliconix DG449 Datasheet HTML 7Page - Vishay Siliconix DG449 Datasheet HTML 8Page - Vishay Siliconix DG449 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Vishay Siliconix
DG449
www.vishay.com
2
Document Number: 73897
S11-0097-Rev. B, 24-Jan-11
Notes:
a. Signals on NO, NC, COM, or IN exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 8.4 mW/°C above 70 °C.
ORDERING INFORMATION
Temp. Range
Package
Part Number
- 40 to 85 °C
8-Pin SOT23
DG449DS-T1-E3
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter (Voltages Referenced to V-)
Symbol
Limit
Unit
V+
44
V
GND
25
Digital Inputsa, Vno/nc, VCOM
(V-) - 2 V to (V+) + 2 V
or 30 mA, whichever occurs first
Current , (Any Terminal) Continuous
30
mA
Current (NO, NC or COM) Pulsed at 1 ms, 10 % duty cycle
100
Storage Temperature
- 65 to 150
°C
Power Dissipation (Package)b
8-Pin SOT-23c
675
mW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com