Electronic Components Datasheet Search
  English  ▼

X  

DG458 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG458
Description  Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG458 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG458 Datasheet HTML 1Page - Vishay Siliconix DG458 Datasheet HTML 2Page - Vishay Siliconix DG458 Datasheet HTML 3Page - Vishay Siliconix DG458 Datasheet HTML 4Page - Vishay Siliconix DG458 Datasheet HTML 5Page - Vishay Siliconix DG458 Datasheet HTML 6Page - Vishay Siliconix DG458 Datasheet HTML 7Page - Vishay Siliconix DG458 Datasheet HTML 8Page - Vishay Siliconix DG458 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 70064
S11-1029–Rev. H, 23-May-11
Vishay Siliconix
DG458, DG459
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THRU TABLES AND ORDERING INFORMATION
Logic "0" = VAL 0.8 V
Logic "1" = VAH 2.4 V
X = Don’t Care
Notes:
a. All leads soldered or welded to PC board.
b. Derate 6.3 mW/°C above 75 °C.
c. Derate 12 mW/°C above 75 °C.
d. Derate 10 mW/°C above 75 °C.
TRUTH TABLE - DG458
A2
A1
A0
EN
On Switch
X
X
X
0
None
0
0
0
1
1
0
0
1
1
2
0
1
0
1
3
0
1
1
1
4
1
0
0
1
5
1
0
1
1
6
1
1
0
1
7
1
1
1
1
8
TRUTH TABLE - DG459
A1
A0
EN
On Switch
X
X
0
None
0
0
1
1
0
1
1
2
1
0
1
3
1
1
1
4
ORDERING INFORMATION
Temp Range
Package
Part Number
- 40 to 85 °C
16-pin Plastic DIP
DG458DJ
DG458DJ-E3
DG459DJ
DG459DJ-E3
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
V+ to V-
44
V
V+ to GND
22
V- to GND
- 25
VEN, VA Digital Input
(V-) - 4 to (V+) + 4
VS, Analog Input Overvoltage with Power On
(V-) - 20 to (V+) + 20
VS, Analog Input Overvoltage with Power Off
- 35 to + 35
Continuous Current, S or D
20
mA
Peak Current, S or D (Pulsed at 1 ms, 10 % duty cycle max)
40
Storage Temperature
(AK Suffix)
- 65 to 150
°C
(DJ Suffix)
- 65 to 125
Power Dissipation (Package)a
16-pin Plastic DIPB
600
mW
16-pin CerDIPC
1000
LCC-20d
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com