Electronic Components Datasheet Search
  English  ▼

X  

DG459 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG459
Description  Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG459 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG459 Datasheet HTML 1Page - Vishay Siliconix DG459 Datasheet HTML 2Page - Vishay Siliconix DG459 Datasheet HTML 3Page - Vishay Siliconix DG459 Datasheet HTML 4Page - Vishay Siliconix DG459 Datasheet HTML 5Page - Vishay Siliconix DG459 Datasheet HTML 6Page - Vishay Siliconix DG459 Datasheet HTML 7Page - Vishay Siliconix DG459 Datasheet HTML 8Page - Vishay Siliconix DG459 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
4
Document Number: 70064
S11-1029–Rev. H, 23-May-11
Vishay Siliconix
DG458, DG459
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Refer to PROCESS OPTION FLOWCHART.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g. When the analog signal exceeds the + 13.5 V or - 12 V,RDS(on) starts to rise until only leakage currents flow.
RDS(on) MAX - RDS(on) MIN
(
RrDS(on) AVE
)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V- = - 15 V
VAL = 0.8 V, VAH = 2.4 V
f
Temp.b
Typ.c
A Suffix
- 55 °C to 125 °C
D Suffix
- 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Dynamic Characteristics
Transition Time
tA
See Figure 3
Room
200
500
500
ns
Break-Before-Make Interval
tOPEN
See Figure 4
Room
45
10
10
Enable Turn-On Time
tON(EN)
See Figure 5
Room
Full
140
250
500
250
500
Enable Turn-Off Time
tOFF(EN)
Room
Full
50
250
500
250
500
Settling Time
ts
To 0.1 %
Room
0.5
µs
To 0.01 %
Room
1.5
Off Isolation
OIRR
VEN = 0 V, RL = 1 k
CL = 15 pF, VS = 3 VRMS
f = 100 kHz
Room
90
dB
Logic Input Capacitance
Cin
f = 1 MHz
Room
5
pF
Source Off Capacitance
CS(off)
Room
5
Drain Off Capacitance
CD(off)
DG458
Room
15
DG459
Room
10
Drain On Capacitance
CD(on)
DG458
Room
40
DG459
Room
35
Power Supplies
Positive Supply Current
I+
VEN = 5 or 0 V, VA = 0 V
Room
Full
0.05
0.1
0.2
0.1
0.2
mA
Negative Supply Current
I-
Room
Full
- 0.01
- 0.1
- 0.2
- 0.1
- 0.2
Power Supply Range for
Continuous Operation
Room
± 4.5
± 18
± 4.5
± 18
V
x 100 %
h.
R
DS(on) =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com