Electronic Components Datasheet Search
  English  ▼

X  

HT46R065B Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT46R065B
Description  Enhanced A/D Type 8-Bit OTP MCU
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R065B Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT46R065B Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R065B Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R065B Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R065B Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R065B Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R065B Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R065B Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R065B Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R065B Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 96 page
background image
Special Function Registers ..............................................................16
Indirect Addressing Registers
- IAR0, IAR1 .........................................................16
Memory Pointers
- MP0, MP1..............................................................................16
Accumulator
- ACC..............................................................................................18
Program Counter Low Register
- PCL..................................................................18
Status Register
- STATUS ...................................................................................18
Input/Output Ports and Control Registers .............................................................19
System Control Registers
- CTRL0, CTRL1.........................................................20
Wake-up Function Register
- PAWK ....................................................................21
Pull-high Registers
- PAPU, PBPU, PCPU, PDPU...............................................21
Software COM Register
- SCOMC.......................................................................21
Oscillator............................................................................................21
System Oscillator Overview..................................................................................21
System Clock Configurations................................................................................22
External Crystal/Resonator Oscillator
- HXT ........................................................22
External RC Oscillator
- ERC...............................................................................22
Internal RC Oscillator
- HIRC...............................................................................22
External 32768Hz Crystal Oscillator
- LXT...........................................................22
LXT Oscillator Low Power Function ......................................................................23
Internal Low Speed Oscillator
- LIRC...................................................................23
Operating Modes ...............................................................................23
Mode Types and Selection ...................................................................................23
Mode Switching ....................................................................................................24
Standby Current Considerations...........................................................................24
Wake-up...............................................................................................................25
Watchdog Timer ................................................................................25
Watchdog Timer Operation...................................................................................25
Reset and Initialisation .....................................................................27
Reset Functions ...................................................................................................27
Reset Initial Conditions .........................................................................................28
Input/Output Ports.............................................................................31
Pull-high Resistors................................................................................................31
Port A Wake-up ....................................................................................................31
I/O Port Control Registers.....................................................................................33
Pin-shared Functions............................................................................................33
Pin Remapping Configuration
- HT46R066B .......................................................33
I/O Pin Structures .................................................................................................34
Programming Considerations ...............................................................................34
Contents
Rev. 1.00
3
April 8, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com