Electronic Components Datasheet Search
  English  ▼

X  

HT48R006 Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT48R006
Description  Small Package 8-Bit OTP MCU
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R006 Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT48R006 Datasheet HTML 42Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 43Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 44Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 45Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 46Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 47Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 48Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 49Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
HT48R006/HT46R006
Rev. 1.00
46
October 24, 2011
Analog to Digital Converter -- HT46R006
The need to interface to real world analog signals is a
common requirement for many electronic systems.
However, to properly process these signals by a
microcontroller, they must first be converted into digital
signals by A/D converters. By integrating the A/D con-
version electronic circuitry into the microcontroller, the
need for external components is reduced significantly
with the corresponding follow-on benefits of lower costs
and reduced component space requirements.
A/D Overview
The HT46R006 contains a 3-channel analog to digital
converter which can directly interface to external analog
signals, such as that from sensors or other control sig-
nals and convert these signals directly into either a
12-bit digital value.
The accompanying block diagram shows the overall in-
ternal structure of the A/D converter, together with its as-
sociated registers.
A/D Converter Register Description
Overall operation of the A/D converter is controlled us-
ing four registers. A read only register pair exists to store
the ADC data 12-bit value. The remaining two registers
are control registers which setup the operating and con-
trol function of the A/D converter.
A/D Converter Data Registers
- ADRL, ADRH
As the devices contain an internal 12-bit A/D converter,
they require two data registers to store the converted
value. These are a high byte register, known as ADRH,
and a low byte register, known as ADRL. After the con-
version process takes place, these registers can be di-
rectly read by the microcontroller to obtain the digitised
conversion value. Only the high byte register, ADRH,
utilises its full 8-bit contents. The low byte register uti-
lises only 4 bit of its 8-bit contents as it contains only the
lowest bits of the 12-bit converted value. In the following
table, D0~D11 is the A/D conversion data result bits.
¸
C l o c k
D i v i d e r
N
A C S R R e g i s t e r
A D C
A D R L
A D R H
A / D D a t a
R e g i s t e r s
P C R 0 ~ P C R 2
A D C S 0 ~ A D C S 2
S T A R T
E O C B
A D C R
R e g i s t e r
P i n C o n f i g u r a t i o n
B i t s
C h a n n e l S e l e c t
B i t s
S t a r t B i t E n d o f
C o n v e r s i o n B i t
A D O N B B i t
A / D E n a b l e
f S Y S
P A 0 / A N 0
P A 1 / A N 1
P A 2 / A N 2
V D D
A D O N B i t
A C S R
R e g i s t e r
A/D Converter Structure
Register
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ADRL
D3
D2
D1
D0
¾¾¾¾
ADRH
D11
D10
D9
D8
D7
D6
D5
D4
ADCR
START
EOCB
¾
PCR2
PCR1
PCR0
ACS1
ACS0
ACSR
TEST
ADONB
¾¾¾
ADCS2
ADCS1
ADCS0
A/D Converter Register List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com