Electronic Components Datasheet Search
  English  ▼

X  

HT66F30 Datasheet(PDF) 82 Page - Holtek Semiconductor Inc

Part # HT66F30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F30 Datasheet(HTML) 82 Page - Holtek Semiconductor Inc

Back Button HT66F30 Datasheet HTML 78Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 79Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 80Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 81Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 82Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 83Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 84Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 85Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 86Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 244 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.60
82
October 24, 2011
T C K I n p u t
T M 0
( C T M )
P A 2 / T C K 0
P C 5 O u t p u t F u n c t i o n
0
1
P C 5
1
0
O u t p u t
P C 5 / T P 0 _ 1
T 0 C P 1
P A 1 / T P 1 A
P A 1 O u t p u t F u n c t i o n
T 1 A C P 0
0
1
C C R A O u t p u t
C C R A C a p t u r e I n p u t
1
0
T 1 A C P 0
P A 0 O u t p u t F u n c t i o n
0
1
P A 0
1
0
P A 0 / T P 0 _ 0
T 0 C P 0
P C 1 O u t p u t F u n c t i o n
0
1
P C 1
1
0
C C R B O u t p u t
C C R B C a p t u r e I n p u t
P A 4 / T C K 1
T C K I n p u t
1
0
T M 1
( E T M )
P C 1 / T P 1 B _ 1
T 1 B C P 1
T 1 B C P 1
P C 0 O u t p u t F u n c t i o n
0
1
P C 0
1
0
1
0
P C 0 / T P 1 B _ 0
T 1 B C P 0
T 1 B C P 0
HT68F30 TM Function Pin Control Block Diagram
Note:
The I/O register data bits shown are used for TM output inversion control.
In the Capture Input Mode, the TM pin control register must never enable more than one TM input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com