Electronic Components Datasheet Search
  English  ▼

X  

HT66F30 Datasheet(PDF) 113 Page - Holtek Semiconductor Inc

Part # HT66F30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F30 Datasheet(HTML) 113 Page - Holtek Semiconductor Inc

Back Button HT66F30 Datasheet HTML 109Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 110Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 111Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 112Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 113Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 114Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 115Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 116Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 117Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 244 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.60
113
October 24, 2011
Single Pulse Mode
To select this mode, bits TnM1 and TnM0 in the TMnC1
register should be set to 10 respectively and also the
TnIO1 and TnIO0 bits should be set to 11 respectively.
The Single Pulse Output Mode, as the name suggests,
will generate a single shot pulse on the TM output pin.
The trigger for the pulse output leading edge is a low to
high transition of the TnON bit, which can be imple-
mented using the application program. However in the
Single Pulse Mode, the TnON bit can also be made to
automatically change from low to high using the external
TCKn pin, which will in turn initiate the Single Pulse out-
put. When the TnON bit transitions to a high level, the
counter will start running and the pulse leading edge will
be generated. The TnON bit should remain high when
the pulse is in its active state. The generated pulse trail-
ing edge will be generated when the TnON bit is cleared
to zero, which can be implemented using the application
program or when a compare match occurs from Com-
parator A.
L e a d i n g E d g e
T n O N b i t
0 ® 1
S / W C o m m a n d
S E T " T n O N "
o r
T C K n P i n T r a n s i t i o n
T n O N b i t
1 ® 0
S / W C o m m a n d
C L R " T n O N "
o r
C C R A M a t c h C o m p a r e
P u l s e W i d t h = C C R A V a l u e
T r a i l i n g E d g e
T M n O u t p u t P i n
Single Pulse Generation
Counter Value
CCRP
CCRA
TnON
TnPAU
TnPOL
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
TM O/P Pin
(TnOC=1)
Time
Counter stopped
by CCRA
Pause
Resume
Counter Stops
by software
Counter Reset when
TnON returns high
TnM [1:0] = 10 ; TnIO [1:0] = 11
Pulse Width
set by CCRA
Output Inverts
when TnPOL = 1
No CCRP Interrupts
generated
TM O/P Pin
(TnOC=0)
TCKn pin
Software
Trigger
Cleared by
CCRA match
TCKn pin
Trigger
Auto. set by
TCKn pin
Software
Trigger
Software
Clear
Software
Trigger
Software
Trigger
Single Pulse Mode
Note:
1. Counter stopped by CCRA
2. CCRP is not used
3. The pulse triggered by the TCKn pin or by setting the TnON bit high
4. A TCKn pin active edge will automatically set the TnON bit high.
5. In the Single Pulse Mode, TnIO [1:0] must be set to
²11² and can not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com