Electronic Components Datasheet Search
  English  ▼

X  

HT66F30 Datasheet(PDF) 122 Page - Holtek Semiconductor Inc

Part # HT66F30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F30 Datasheet(HTML) 122 Page - Holtek Semiconductor Inc

Back Button HT66F30 Datasheet HTML 118Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 119Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 120Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 121Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 122Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 123Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 124Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 125Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 126Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 244 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.60
122
October 24, 2011
As the name of the mode suggests, after a comparison
is made, the TM output pin, will change state. The TM
output pin condition however only changes state when
an TnAF or TnBF interrupt request flag is generated af-
ter a compare match occurs from Comparator A or Com-
parator B. The TnPF interrupt request flag, generated
from a compare match from Comparator P, will have no
effect on the TM output pin. The way in which the TM
output pin changes state is determined by the condition
of the TnAIO1 and TnAIO0 bits in the TMnC1 register for
ETM CCRA, and the TnBIO1 and TnBIO0 bits in the
TMnC2 register for ETM CCRB. The TM output pin can
be selected using the TnAIO1, TnAIO0 bits (for the
TPnA pin) and TnBIO1, TnBIO0 bits (for the TPnB_0,
TPnB_1 or TPnB_2 pins) to go high, to go low or to tog-
gle from its present condition when a compare match
occurs from Comparator A or a compare match occurs
from Comparator B. The initial condition of the TM out-
put pin, which is setup after the TnON bit changes from
low to high, is setup using the TnAOC or TnBOC bit for
TPnA or TPnB_0, TPnB_1, TPnB_2 output pins. Note
that if the TnAIO1,TnAIO0 and TnBIO1, TnBIO0 bits are
zero then no pin change will take place.
Counter Value
0x3FF
CCRP
CCRA
TnON
TnPAU
TnAPOL
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
TPnA O/P
Pin
Time
CCRP=0
CCRP > 0
Counter overflow
CCRP > 0
Counter cleared by CCRP value
Pause
Resume
Stop
Counter
Restart
TnCCLR = 0; TnAM [1:0] = 00
Output pin set to
initial Level Low
if TnAOC=0
Output Toggle with
TnAF flag
Note TnAIO [1:0] = 10
Active High Output select
Here TnAIO [1:0] = 11
Toggle Output select
Output not affected by TnAF
flag. Remains High until reset
by TnON bit
Output Pin
Reset to Initial value
Output controlled by
other pin-shared function
Output Inverts
when TnAPOL is high
ETM CCRA Compare Match Output Mode -- TnCCLR = 0
Note:
1. With TnCCLR=0, a Comparator P match will clear the counter
2. The TPnA output pin is controlled only by the TnAF flag
3. The output pin is reset to its initial state by a TnON bit rising edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com