Electronic Components Datasheet Search
  English  ▼

X  

HT66F30 Datasheet(PDF) 167 Page - Holtek Semiconductor Inc

Part # HT66F30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F30 Datasheet(HTML) 167 Page - Holtek Semiconductor Inc

Back Button HT66F30 Datasheet HTML 163Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 164Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 165Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 166Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 167Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 168Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 169Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 170Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 171Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 244 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.60
167
October 24, 2011
04H
08H
14H
18H
1CH
20H
24H
34H
38H
Request
Flags
Enable
Bits
EMI autodisabledinISR
Interrupts contained within
Multi-Function Interrupts
Interrupt
Name
xxF
Legend
Request Flag – no auto reset in ISR
xxF
Request Flag – auto reset in ISR
xxE
Enable Bit
xxF
Legend
Request Flag – no auto reset in ISR
xxF
Request Flag – auto reset in ISR
xxE
Enable Bit
MF3F
M. Funct. 3
MF3E
XPF
PINT Pin
XPE
EMI
28H
LVF
LVD
LVE
DEF
EEPROM
DEE
EMI
EMI
EMI
EMI
EMI
EMI
EMI
EMI
EMI
SIMF
SIM
SIME
T1BF
TM1 B
T1BE
T1AF
TM1 A
T1AE
T1PF
TM1 P
T1PE
T0AF
TM0 A
T0AE
T0PF
TM0 P
T0PE
INT0F
INT0 Pin
INT0E
INT1F
INT1 Pin
INT1E
CP0F
Comp. 0
CP0E
CP1F
Comp. 1
CP1E
MF0F
M. Funct. 0
MF0E
MF1F
M. Funct. 1
MF1E
MF2F
M. Funct. 2
MF2E
TB0F
Time Base 0
TB0E
TB1F
Time Base 1
TB1E
T3AF
TM3 A
T3AE
T3PF
TM3 P
T3PE
EMI
EMI
INT2F
INT2 Pin
INT2E
INT3F
INT3 Pin
INT3E
0CH
10H
MF5F
M. Funct. 5
MF5E
EMI
3CH
30H
EMI
MF4F
M. Funct. 4
MF4E
T2AF
TM2 A
T2AE
T2PF
TM2 P
T2PE
Low
Priority
High
Vector
Request
Flags
Enable
Bits
Master
Enable
Interrupt
Name
Interrupt Structure
- HT68F60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com